Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ810766 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AZ810766
Description  Limit Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AZ810766 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AZ810766 Datasheet HTML 3Page - Panasonic Semiconductor AZ810766 Datasheet HTML 4Page - Panasonic Semiconductor AZ810766 Datasheet HTML 5Page - Panasonic Semiconductor AZ810766 Datasheet HTML 6Page - Panasonic Semiconductor AZ810766 Datasheet HTML 7Page - Panasonic Semiconductor AZ810766 Datasheet HTML 8Page - Panasonic Semiconductor AZ810766 Datasheet HTML 9Page - Panasonic Semiconductor AZ810766 Datasheet HTML 10Page - Panasonic Semiconductor AZ810766 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
57
.803
±.012
20.4
±0.3
51.5
PT 30 max
stainless
1.2 dia.
25
100
±1.5
mounting holes
2-4.1
2.205
±.012
56
±0.3
cover screw
2-M3
23
cover screw
Operation indicator
M3
6
dia.
+0.2
0
Standard type
.803
±.012
20.4
±0.3
7.5
±0.2
.295
±.008
1.193
30.3
.594
15.1
64
2.520
14
.551
.402
10.2
With lamp
4
.157
mounting holes
2-M5 (P=0.8) tapped
mounting holes
in depth
2-M5 (P=0.8) tapped
7 .276
.157
4
64
2.520
.551
14
.984
.402
10.2
1.102
28
.827
±.008
21
±0.2
3.937
±.059
15.1
.594
7.5
±0.2
.295
±.008
2.028
steel wire
.047
.047 stainless
steel wire
1.2 dia.
2-M5 (P=0.8)
in depth
mounting holes
7 .276
mounting holes
2-M5 (P=0.8)
Spring wire
Standard type
AZ8169
Weight: 112g
General tolerance: ±0.4 ±.016
(Should be used with less than 50mm 1.969inch of T.T.)
VL (AZ8)
OPTION
VL Limit Conduit Adapter
AZ8801
Applicable wire
Electric wire name
Finished outside diameter
Vinyl cabtire cord (VCTF)
Vinyl cabtire cable (VCT)
8.7 to 11 dia.
.343 to .433 dia.
(Same as with the
(Same as with the
28
21
(Front)
23
14.8
(Side)
27.8
18
56
Part A
t=7 max.
.906
.709
13/64
.827
1.102
.583
1.094
.276
VL limit switch)
VL limit switch)
(Tighten up
with no gap)
(A set of mounting hex. socket screws is supplied.)
Note: Diagram shows adapter when installed to an AZ8104.
mm inch


Similar Part No. - AZ810766

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ810NLTR-E1 BCDSEMI-AZ810NLTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NLTR-G1 BCDSEMI-AZ810NLTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-E1 BCDSEMI-AZ810NRTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-G1 BCDSEMI-AZ810NRTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NSTR-E1 BCDSEMI-AZ810NSTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - AZ810766

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Allen-Bradley
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C68T10Y128 SCHNEIDER-9007C68T10Y128 Datasheet
147Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com