Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ810466 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AZ810466
Description  Limit Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AZ810466 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AZ810466 Datasheet HTML 1Page - Panasonic Semiconductor AZ810466 Datasheet HTML 2Page - Panasonic Semiconductor AZ810466 Datasheet HTML 3Page - Panasonic Semiconductor AZ810466 Datasheet HTML 4Page - Panasonic Semiconductor AZ810466 Datasheet HTML 5Page - Panasonic Semiconductor AZ810466 Datasheet HTML 6Page - Panasonic Semiconductor AZ810466 Datasheet HTML 7Page - Panasonic Semiconductor AZ810466 Datasheet HTML 8Page - Panasonic Semiconductor AZ810466 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
55
.803
±.012
20.4
±0.3
M4 arm fixing nut
38.1
25
15.1
30.3
15.1
18.5
(Roller can be rotated
fixing screw
M4 arm
18 dia.
7
(with hexagonal
m
T
P
0
°
2
12.5
x
a
40.2
±0.8
45.2
±0.8
Operation indicator
28
21
±0.2
56
±0.3
2-M5 (P=0.8) tapped
mounting holes
7
2-M5 (P=0.8) tapped
mounting holes
10.2
.827
±.008
1.102
2.205
±.012
.402
2-M5 (P=0.8)
mounting holes
2-M5 (P=0.8)
7
mounting holes
.276 in depth
.276 in depth
2.520
64
M3
6
0
+0.2
2-M3
23
2-4.1
mounting holes
cover screw
dia.
cover screw
.492
and locked in any
position through 360
°)
.594
.984
1.5
20.4
±0.3
.803
±.012
.594
1.193
.728
1.780
±.031
1.583
±.031
41.2
±0.8
36.2
±0.8
1.622
±.031
1.425
±.031
.728
18.5
64
2.520
.551
14
nylon roller
.551
14
10.2
.402
7.5
±0.2
.295
±.008
7.5
±0.2
.295
±.008
holes)
.803
±.012
20.4
±0.3
PT 1.5max
Operation indicator
28
21
±0.2
56
±0.3
25
15.1
14
2-M5 (P=0.8) tapped
mounting holes
7
2-M5 (P=0.8) tapped
mounting holes
64
30.3
20.4
±0.3
38
4
10.2
.827
±.008
1.102
2.205
±.012
.594
.984
2.520
.157
.402
.551
.402
10.2
.594
15.1
2-M5 (P=0.8)
mounting holes
2-M5 (P=0.8)
7
mounting holes
.157
4
1.193
.803
±.012
.276 in depth
.276 in depth
2.520
64
.551
14
14.8
.583
1.496
12.5 dia.
3.8
M3
6
0
+0.2
2-M3
23
2-4.1
stainless steel roller
mounting holes
cover screw
dia.
cover screw
Standard type
With lamp
7.5
±0.2
.295
±.008
7.5
±0.2
.295
±.008
.803
±.012
20.4
±0.3
PT 1.5max
Operation indicator
28
21
±0.2
56
±0.3
25
15.1
14
2-M5 (P=0.8) tapped
mounting holes
7
2-M5 (P=0.8) tapped
mounting holes
64
30.3
20.4
±0.3
38
4
10.2
.827
±.008
1.102
2.205
±.012
.594
.984
2.520
.157
.402
.551
.402
10.2
.594
15.1
2-M5 (P=0.8)
mounting holes
2-M5 (P=0.8)
7
mounting holes
.157
4
1.193
.803
±.012
.276 in depth
.276 in depth
2.520
64
.551
14
14.8
.583
1.496
M3
6
0
+0.2
2-M3
23
2-4.1
mounting holes
cover screw
dia.
cover screw
stainless steel roller
12.5 dia.
3.8
Standard type
With lamp
7.5
±0.2
.295
±.008
7.5
±0.2
.295
±.008
DIMENSIONS
Push plunger
Standard type
AZ8111
20.4
±0.3
.803
±.012
Operation indicator
7
M3
6
0
+0.2
2-M3
23
2-4.1
28
21
±0.2
56
±0.3
25
15.1
14
2-M5 (P=0.8) tapped
mounting holes
7
2-M5 (P=0.8) tapped
mounting holes
64
30.3
20.4
±0.3
PT 1.5max
3
26.5
4
10.2
.827
±.008
1.102
2.205
±.012
1.043
.118
.594
.984
2.520
.157
.402
.551
.402
10.2
.594
15.1
2-M5 (P=0.8)
mounting holes
2-M5 (P=0.8)
7
mounting holes
.157
4
1.193
.803
±.012
.276 dia.
.276 in depth
.276 in depth
2.520
64
.551
14
stainless steel plunger
mounting holes
cover screw
dia.
cover screw
Standard type
With lamp
7.5
±0.2
.295
±.008
7.5
±0.2
.295
±.008
General
tolerance:
±0.4 ±.016
General
tolerance:
±0.4 ±.016
General
tolerance:
±0.4 ±.016
Roller plunger
Standard type
AZ8112
Cross roller plunger
Standard type
AZ8122
General
tolerance:
±0.4 ±.016
Roller arm
Standard type
AZ8104
Weight: 156.5g
Standard type
With lamp
VL (AZ8)
mm inch


Similar Part No. - AZ810466

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ810NLTR-E1 BCDSEMI-AZ810NLTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NLTR-G1 BCDSEMI-AZ810NLTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-E1 BCDSEMI-AZ810NRTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-G1 BCDSEMI-AZ810NRTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NSTR-E1 BCDSEMI-AZ810NSTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - AZ810466

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Allen-Bradley
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C68T10Y128 SCHNEIDER-9007C68T10Y128 Datasheet
147Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com