Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ810416 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AZ810416
Description  Limit Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AZ810416 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AZ810416 Datasheet HTML 1Page - Panasonic Semiconductor AZ810416 Datasheet HTML 2Page - Panasonic Semiconductor AZ810416 Datasheet HTML 3Page - Panasonic Semiconductor AZ810416 Datasheet HTML 4Page - Panasonic Semiconductor AZ810416 Datasheet HTML 5Page - Panasonic Semiconductor AZ810416 Datasheet HTML 6Page - Panasonic Semiconductor AZ810416 Datasheet HTML 7Page - Panasonic Semiconductor AZ810416 Datasheet HTML 8Page - Panasonic Semiconductor AZ810416 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
53
PRODUCT TYPE
1. Standard type
Actuator
Part No.
Push plunger
AZ8111
2. With neon lamp
Actuator
Lamp rating
Lamp connection
Push plunger
100 to 200V AC
Part No.
AZ811106
Roller plunger
AZ811206
Cross roller plunger
AZ812206
Roller arm
AZ810406
Adjustable roller arm
AZ810806
Adjustable rod
AZ810706
Flexible rod
AZ816606
Spring wire
AZ816906
Spring type
Roller plunger
AZ8112
Cross roller plunger
AZ8122
Roller arm
AZ8104
Adjustable roller arm
AZ8108
Adjustable rod
AZ8107
Flexible rod
AZ8166
Spring wire
AZ8169
Note) When ordering an overseas-specified product,refer to the “FOREIGN STANDARDS” given below.
Note) When ordering an overseas-specified product,refer to the “FOREIGN STANDARDS” given below.
Notes) 1. LED rating 6V DC type is available. When ordering, add suffix 162(spring type) or 662(lead wire type) to the standard part No.
2.The 24 to 48V DC rated lamp is recommended for PC input use.
3. The roller arm and adjustable roller arm are available with metal rollers on a custom-made basis. Please inquire.
3. With LED
Actuator
Push plunger
AZ8111161
AZ811116
Lamp rating
12V DC
Part No.
24 to 48V DC
Lamp connection
Spring type
Lead wire type
4. Option
Application
Part No.
VL limit conduit adapter
VL, VL with lamp, VL-T
AZ8801
Roller plunger
AZ8112161
AZ811216
Cross roller plunger
AZ8122161
AZ812216
Roller arm
AZ8104161
AZ810416
Adjustable roller arm
AZ8108161
AZ810816
Adjustable rod
AZ8107161
AZ810716
Flexible rod
AZ8166161
AZ816616
Spring wire
AZ8169161
AZ816916
Push plunger
AZ8111661
AZ811166
Roller plunger
AZ81122661
AZ811266
Cross roller plunger
AZ8122661
AZ812266
Roller arm
AZ8104661
AZ810466
Adjustable roller arm
AZ8108661
AZ810866
Adjustable rod
AZ8107661
AZ810766
Flexible rod
AZ8166661
AZ816666
Spring wire
AZ8169661
AZ816966
Standard
Applicable product
Part No.
UL
File No.
: E122222
Ratings
: 5A 250V AC
Pilot duty B300
Product type : Standard model, with neon lamp
C-UL
File No.
: E122222
Ratings
: 5A 250V AC
Pilot duty B300
Product type : Standard model, with neon lamp
TÜV
File No.
: J9551203
Ratings
: AC-15 2A/250V~
Product type : Standard model only
Order by standard part No. However,
add “9” to the end of the part No. for the
model with neon lamp.
Order by standard part No.
FOREIGN STANDARDS
VL (AZ8)


Similar Part No. - AZ810416

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ810NLTR-E1 BCDSEMI-AZ810NLTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NLTR-G1 BCDSEMI-AZ810NLTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-E1 BCDSEMI-AZ810NRTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-G1 BCDSEMI-AZ810NRTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NSTR-E1 BCDSEMI-AZ810NSTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - AZ810416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Allen-Bradley
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C68T10Y128 SCHNEIDER-9007C68T10Y128 Datasheet
147Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com