Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARE13NIL06Z Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ARE13NIL06Z
Description  2.6 GHz SMALL MICROWAVE RELAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARE13NIL06Z Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ARE13NIL06Z Datasheet HTML 1Page - Panasonic Semiconductor ARE13NIL06Z Datasheet HTML 2Page - Panasonic Semiconductor ARE13NIL06Z Datasheet HTML 3Page - Panasonic Semiconductor ARE13NIL06Z Datasheet HTML 4Page - Panasonic Semiconductor ARE13NIL06Z Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RE (ARE)
ASCTB104E 201202-T
2. Specifications
Note: * The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. Refer to [6] AMBIENT ENVIRONMENT
in GENERAL APPLICATION GUIDELINES.
REFERENCE DATA
Characteristics
Item
Specifications
Contact
Arrangement
1 Form C
Contact material
Gold plating
Initial contact resistance, max.
Max. 100m
Ω (By voltage drop 10V AC 10mA)
Rating
Contact rating
1W (at 2.6 GHz [Impedance 75
Ω;, V.S.W.R. Max.1.5] [Impedance 50Ω, V.S.W.R. Max.1.7])
10mA 24V DC (resistive load)
Contact carrying power
10W (at 2.6GHz [Impedance 75
Ω, V.S.W.R. Max.1.5] [Impedance 50Ω, V.S.W.R. Max.1.7])
Max. switching voltage
30V DC
Max. switching current
0.5A DC
Nominal operating power
200mW
High frequency
characteristics (Initial)
(Impedance 75
Ω)
V.S.W.R.
Max. 1.2 (to 900MHz), Max. 1.5 (to 2.6GHz)
Insertion loss
Max. 0.2dB (to 900MHz), Max. 0.5dB (to 2.6GHz)
Isolation
Min. 60dB (to 900MHz), Min. 30dB (to 2.6GHz)
High frequency
characteristics (Initial)
(Impedance 50
Ω)
V.S.W.R.
Max. 1.3 (to 900MHz), Max. 1.7 (to 2.6GHz)
Insertion loss
Max. 0.2dB (to 900MHz), Max. 0.7dB (to 2.6GHz)
Isolation
Min. 60dB (to 900MHz), Min. 30dB (to 2.6GHz)
Electrical
characteristics
Insulation resistance (Initial)
Min. 100M
Ω (at 500V DC)
Measurement at same location as “Initial breakdown voltage” section.
Breakdown
voltage
(Initial)
Between open contacts
500 Vrms for 1min. (Detection current: 10mA)
Between contact and coil
1,000 Vrms for 1min. (Detection current: 10mA)
Between contact and earth terminal 500 Vrms for 1min. (Detection current: 10mA)
Temperature rise (at 20°C)
Max. 60°C (By resistive method, nominal voltage applied to the coil: Contact carrying power:
10W, at 2.6GHz, [Impedance 75
Ω, V.S.W.R. 1.5] [Impedance 50Ω, V.S.W.R. 1.7])
Operate time (at 20°C)
Max. 10ms (Nominal operating voltage applied to the coil, excluding contact bounce time.)
Release time (at 20°C)
Max. 5ms (Nominal operating voltage applied to the coil, excluding contact bounce time.)
(without diode)
Mechanical
characteristics
Shock
resistance
Functional
Min. 500 m/s2 {50 G} (Half-wave pulse of sine wave: 11ms; detection time: 10
µs.)
Destructive
Min. 1,000m/s2 {100 G} (Half-wave pulse of sine wave: 6ms.)
Vibration
resistance
Functional
10 to 55 Hz at double amplitude of 3mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 5mm
Expected life
Mechanical
Min. 106 (at 180 cpm)
Electrical
Min. 3
×105 (1W, 2.6GHz, [Impedance 75Ω, V.S.W.R. 1.5] [Impedance 50Ω, V.S.W.R. 1.7])
Min. 3
×105 (10mA 24V DC (resistive load) (at 20cpm))
Conditions
Conditions for operation, transport and storage*
Ambient temperature: –40°C to +70°C –40°F to +158°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Unit weight
Approx. 5 g .18 oz
1-(1). High frequency characteristics (Impedance 50
Ω) (Standard PC board terminal)
• V.S.W.R. characteristics
• Insertion loss characteristics
• Isolation characteristics
1
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
900MHz
3GHz
COM-NC
COM-NO
Frequency
1.0
0.1
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
900MHz
3GHz
COM-NC
COM-NO
Frequency
100
10
0
20
30
40
50
60
70
80
90
900MHz
3GHz
COM-NO
COM-NC
Frequency


Similar Part No. - ARE13NIL06Z

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ARE1303 NAIS-ARE1303 Datasheet
113Kb / 3P
   2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
ARE1303Z NAIS-ARE1303Z Datasheet
113Kb / 3P
   2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
ARE1306 NAIS-ARE1306 Datasheet
113Kb / 3P
   2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
ARE1306Z NAIS-ARE1306Z Datasheet
113Kb / 3P
   2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
ARE1309 NAIS-ARE1309 Datasheet
113Kb / 3P
   2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
More results

Similar Description - ARE13NIL06Z

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ARE1303 NAIS-ARE1303 Datasheet
113Kb / 3P
   2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
2595FB39A0050 JOHANSON-2595FB39A0050 Datasheet
126Kb / 2P
   2.6 GHz Balun/Filter Combination
2598BP39A0205 JOHANSON-2598BP39A0205 Datasheet
119Kb / 2P
   2.6 GHz Band Pass Filter
2600AT44A0600 JOHANSON-2600AT44A0600 Datasheet
307Kb / 4P
   2.6 GHz Wideband Chip Antenna
2593BP44B186 JOHANSON-2593BP44B186 Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
logo
Skyworks Solutions Inc.
DC25-73 SKYWORKS-DC25-73 Datasheet
171Kb / 4P
   Directional Coupler 2.3-2.6 GHz
logo
Johanson Technology Inc...
2600CF15A0200 JOHANSON-2600CF15A0200 Datasheet
140Kb / 4P
   2.6 GHz Directional Coupler / Filter Combination
logo
Panasonic Semiconductor
ARS144H PANASONIC-ARS144H Datasheet
375Kb / 12P
   3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
logo
Johanson Technology Inc...
2595FB16A0100 JOHANSON-2595FB16A0100 Datasheet
207Kb / 2P
   2.6 GHz 1:2 Balun/Filter Combination
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com