Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-006DCG-V4 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTW-006DCG-V4
Description  Package in 12mm tape on 7 diameter reels Compatible with automatic placement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-006DCG-V4 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTW-006DCG-V4 Datasheet HTML 1Page - Lite-On Technology Corporation LTW-006DCG-V4 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-006DCG-V4 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-006DCG-V4 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-006DCG-V4 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-006DCG-V4 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-006DCG-V4 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-006DCG-V4 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-006DCG-V4 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Part
No. : LTW-006DCG-5
Page :
5
of
11
BNS-OD-C131/A4
Color Ranks Table
Color bin limits at IF = 5mA
Ranks
CIE 1931Chromaticity coordinates
x
0.265
0.27
0.27
0.265
C12
y
0.237
0.245
0.258
0.25
x
0.27
0.275
0.275
0.27
C21
y
0.245
0.253
0.266
0.258
x
0.275
0.28
0.28
0.275
C22
y
0.253
0.261
0.274
0.266
x
0.28
0.285
0.285
0.28
C31
y
0.261
0.269
0.282
0.274
x
0.285
0.29
0.29
0.285
C32
y
0.269
0.277
0.29
0.282
x
0.265
0.27
0.27
0.265
B12
y
0.224
0.232
0.245
0.237
x
0.27
0.275
0.275
0.27
B21
y
0.232
0.24
0.253
0.245
x
0.275
0.28
0.28
0.275
B22
y
0.24
0.248
0.261
0.253
x
0.28
0.285
0.285
0.28
B31
y
0.248
0.256
0.269
0.261
x
0.285
0.29
0.29
0.285
B32
y
0.256
0.264
0.277
0.269
Tolerance on each Hue (x, y) bin is +/- 0.007.
C. I. E. 1931 Chromaticity Diagram @5mA
0.210
0.215
0.220
0.225
0.230
0.235
0.240
0.245
0.250
0.255
0.260
0.265
0.270
0.275
0.280
0.285
0.290
0.295
0.300
0.260
0.265
0.270
0.275
0.280
0.285
0.290
0.295
X-coordinate
C12
C21
C22
C31
C32
B12
B21
B22
B32
B31


Similar Part No. - LTW-006DCG-V4

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-006DCG-E1 LITEON-LTW-006DCG-E1 Datasheet
447Kb / 11P
   Property of Lite-On Only
logo
HK TO-GRACE TECHNOLOGY ...
LTW-006DCG-E1 TO-GRACE-LTW-006DCG-E1 Datasheet
663Kb / 11P
   Package in 12mm tape on 7" diameter reels.
logo
Lite-On Technology Corp...
LTW-006DCG-E2 LITEON-LTW-006DCG-E2 Datasheet
448Kb / 11P
   Property of Lite-On Only
logo
HK TO-GRACE TECHNOLOGY ...
LTW-006DCG-E2 TO-GRACE-LTW-006DCG-E2 Datasheet
678Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-006DCG-P1 TO-GRACE-LTW-006DCG-P1 Datasheet
680Kb / 11P
   Package in 12mm tape on 7" diameter reels.
More results

Similar Description - LTW-006DCG-V4

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C155GEKT LITEON-LTST-C155GEKT Datasheet
364Kb / 6P
   Package in 8mm tape on 7 diameter reels Compatible with automatic placement equipment
LTST-T680KRKT LITEON-LTST-T680KRKT Datasheet
484Kb / 11P
   Packge in 8mm tape on 7 diameter reels Compatible with automatic placement equipment
logo
HK TO-GRACE TECHNOLOGY ...
LTW-008RGB-L TO-GRACE-LTW-008RGB-L Datasheet
724Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-006DCG-P1 TO-GRACE-LTW-006DCG-P1 Datasheet
680Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-006DCG-E2 TO-GRACE-LTW-006DCG-E2 Datasheet
678Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG TO-GRACE-LTW-020ZDCG Datasheet
672Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTST-020ZBL TO-GRACE-LTST-020ZBL Datasheet
665Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG5 TO-GRACE-LTW-020ZDCG5 Datasheet
670Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG-E1 TO-GRACE-LTW-020ZDCG-E1 Datasheet
686Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-010GCG TO-GRACE-LTW-010GCG Datasheet
664Kb / 11P
   Package in 12mm tape on 7" diameter reels.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com