Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-006DCG-V0 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTW-006DCG-V0
Description  Package in 12mm tape on 7 diameter reels Compatible with automatic placement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-006DCG-V0 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTW-006DCG-V0 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 9Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 10Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
User Guide
Cleaning
Do not use unspecified chemical liquid to clean LED they could harm the package.
If cleaning is necessary, immerse the LED in ethyl alcohol or isopropyl alcohol at
normal temperature for less one minute.
Recommend Printed Circuit Board Attachment Pad
Infrared / vapor phase
Reflow Soldering
Package Dimensions of Tape
Note:
1.All dimensions are in millimeters (inches).
Part No. : LTW-006DCG-5
Page :
7
of
11
BNS-OD-C131/A4


Similar Part No. - LTW-006DCG-V0

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-006DCG-E1 LITEON-LTW-006DCG-E1 Datasheet
447Kb / 11P
   Property of Lite-On Only
logo
HK TO-GRACE TECHNOLOGY ...
LTW-006DCG-E1 TO-GRACE-LTW-006DCG-E1 Datasheet
663Kb / 11P
   Package in 12mm tape on 7" diameter reels.
logo
Lite-On Technology Corp...
LTW-006DCG-E2 LITEON-LTW-006DCG-E2 Datasheet
448Kb / 11P
   Property of Lite-On Only
logo
HK TO-GRACE TECHNOLOGY ...
LTW-006DCG-E2 TO-GRACE-LTW-006DCG-E2 Datasheet
678Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-006DCG-P1 TO-GRACE-LTW-006DCG-P1 Datasheet
680Kb / 11P
   Package in 12mm tape on 7" diameter reels.
More results

Similar Description - LTW-006DCG-V0

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C155GEKT LITEON-LTST-C155GEKT Datasheet
364Kb / 6P
   Package in 8mm tape on 7 diameter reels Compatible with automatic placement equipment
LTST-T680KRKT LITEON-LTST-T680KRKT Datasheet
484Kb / 11P
   Packge in 8mm tape on 7 diameter reels Compatible with automatic placement equipment
logo
HK TO-GRACE TECHNOLOGY ...
LTW-008RGB-L TO-GRACE-LTW-008RGB-L Datasheet
724Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-006DCG-P1 TO-GRACE-LTW-006DCG-P1 Datasheet
680Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-006DCG-E2 TO-GRACE-LTW-006DCG-E2 Datasheet
678Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG TO-GRACE-LTW-020ZDCG Datasheet
672Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTST-020ZBL TO-GRACE-LTST-020ZBL Datasheet
665Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG5 TO-GRACE-LTW-020ZDCG5 Datasheet
670Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG-E1 TO-GRACE-LTW-020ZDCG-E1 Datasheet
686Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-010GCG TO-GRACE-LTW-010GCG Datasheet
664Kb / 11P
   Package in 12mm tape on 7" diameter reels.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com