Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ8108 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AZ8108
Description  Limit Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AZ8108 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AZ8108 Datasheet HTML 4Page - Panasonic Semiconductor AZ8108 Datasheet HTML 5Page - Panasonic Semiconductor AZ8108 Datasheet HTML 6Page - Panasonic Semiconductor AZ8108 Datasheet HTML 7Page - Panasonic Semiconductor AZ8108 Datasheet HTML 8Page - Panasonic Semiconductor AZ8108 Datasheet HTML 9Page - Panasonic Semiconductor AZ8108 Datasheet HTML 10Page - Panasonic Semiconductor AZ8108 Datasheet HTML 11Page - Panasonic Semiconductor AZ8108 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
58
LAMP LIGHTING CIRCUIT
1. Spring type
1) When connecting load to N.O. side:
When the switch is at free position, the
lamp is lit, and when the switch operates,
the lamp turns off. (Use the lamp holder
in the same condition as when it was at
the time of shipment.)
2) When connecting load to N.C. side:
When connecting switch is at free posi-
tion, the lamp turns off, and when the
switch operates, the lamp is lit.
(Use the lamp holder, changing it direc-
tion by 180°.)
3) When connecting loads to both N.O.
and N.C. sides: Same as in 1).
(Use the lamp holder in the same condi-
tion as when it was at the time of ship-
ment. In this case, it is impossible to use
it, changing its direction by 180°.)
(With LED)
1) When giving indication on N.O. side
and N.C. side, operation is same as that
in the case of the spring type. However,
when load is connected to both N.O. side
and N.C. side, indication can be given on
both N.C. side and N.O. side.
2) When the indication circuit is connect-
ed with load in parallel:
Load performs the same operation as
the indication circuit does.
(When load operates, the lamp is lit, and
when load is turned off, the lamp goes
out.)
• More loads than for one circuit cannot
be controlled.
• There is no leakage current.
2. Lead wire type (only for types with LED)
Built-in switch
AC power source
13
11
Neon lamp
14
N.C.
12
N.O.
Load
Resistor
12
Built-in switch
DC power source
11
N.C.
14
N.O.
13
LED
Load
Resistor
+
(With neon lamp)
(With LED)
Resistor
Neon lamp
AC power source
12
14
Built-in switch
13
11
N.C.
N.O.
Load
Load
DC power source
12
Built-in switch
11
N.C.
Load
14
N.O.
13
Resistor
LED
+
(With neon lamp)
(With LED)
Built-in switch
AC power source
13
14
11
N.C.
12
N.O.
Neon lamp
Load
Load
Resistor
Load
DC power source
12
Built-in switch
11
N.C.
Load
14
N.O.
13
Resistor
LED
+
(With neon lamp)
DC power source
Built-in switch
11
12
N.O.
13
N.C.
14
LED
Resistor
Load
+
MOUNTING DIMENSIONS
1. Surface mounting
1) When installation hole is tapped.
Depth of screw holes > 15mm .591inch
washer
mouting screw
M4 .157
21
±0.2
(P=0.7)
M4 .157 tap
2.205
±.008
56
±0.2
.827
±.008
mounting screw
washer
mounting nut
M4 .157
21
±0.3
4-4.5 .177 dia.
.827
±.012
56
±0.3
2.205
±.012
washer
t
M5 .197 mounting screw
56
±0.3
21
±0.3
dia.
.827
±.012
2.205
±.012
4-5.5
.217
2) Through hole mounting
Thickness of panel < 5mm .197inch
2. Rear mounting
Length of bolt < panel thickness t+7mm .276inch
VL (AZ8)
mm inch


Similar Part No. - AZ8108

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ810NLTR-E1 BCDSEMI-AZ810NLTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NLTR-G1 BCDSEMI-AZ810NLTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-E1 BCDSEMI-AZ810NRTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-G1 BCDSEMI-AZ810NRTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NSTR-E1 BCDSEMI-AZ810NSTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - AZ8108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Allen-Bradley
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C68T10Y128 SCHNEIDER-9007C68T10Y128 Datasheet
147Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com