Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALFG1PF241 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ALFG1PF241
Description  Automation Controls Catalog
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALFG1PF241 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ALFG1PF241 Datasheet HTML 1Page - Panasonic Semiconductor ALFG1PF241 Datasheet HTML 2Page - Panasonic Semiconductor ALFG1PF241 Datasheet HTML 3Page - Panasonic Semiconductor ALFG1PF241 Datasheet HTML 4Page - Panasonic Semiconductor ALFG1PF241 Datasheet HTML 5Page - Panasonic Semiconductor ALFG1PF241 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic Corporation 2013
©
Panasonic Corporation Automation Controls Buisiness Division
industrial.panasonic.com/ac/e/
LF-G (ALFG)
–5–
ASCTB196E-1 201307-T
DIMENSIONS (mm inch)
SAFETY STANDARDS
NOTES
Certification authority
Standard type
High capacity type
Contact Gap 1.5 mm .059 inch type
Contact Gap 1.8 mm .071 inch type
Contact Gap 1.5 mm .059 inch type
Contact Gap 1.8 mm .071 inch type
UL/C-UL
22A 277V AC General Use (at 85
°C 185°F)
31A 277V AC General Use (at 85
°C 185°F)
33A 277V AC General Use (at 85
°C 185°F)
VDE (VDE0435)
22A 250V AC cos
φ = 0.8 (at 85°C 185°F)
31A 250V AC cos
φ = 0.8 (at 85°C 185°F)
33A 250V AC cos
φ = 0.8 (at 85°C 185°F)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
External dimensions
23.3
.917
4.0
.157
0.5
.020
15.7
.618
12.0
.472
22.0
.866
27.6
1.087
30.1
1.185
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
10.0
±0.1
.394
±.004
27.6
±0.1
1.087
±.004
12.0
±0.1
.472
±.004
13.8
±0.1
.543
±.004
12.0
±0.1
.472
±.004
1.8
dia.
.071
dia.
1.8
dia.
.071
dia.
2.0
dia.
.079
dia.
2.0
dia.
.079
dia.
NO
COM
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
General tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
Usage, transport and storage
conditions
1) Temperature:
–40 to +60
°C –40 to +140°F (When
nominal coil voltage applied)
–40 to +85
°C –40 to +185°F (When coil
holding voltage is 45% to 80% of the
nominal coil voltage)
2) Humidity: 5 to 85% RH
(Avoid freezing and condensation.)
The humidity range varies with the
temperature. Use within the range
indicated in the graph below.
3) Atmospheric pressure: 86 to 106 kPa
Temperature and humidity range for
usage, transport, and storage
∗ –40 to +85°C –40 to +185°F (When 45% to
80%V of coil holding voltage)
4) Condensation
Condensation forms when there is a
sudden change in temperature under
high temperature and high humidity
conditions. Condensation will cause
deterioration of the relay insulation.
5) Freezing
Condensation or other moisture may
freeze on the relay when the
temperatures is lower than 0
°C 32°F.This
causes problems such as sticking of
movable parts or operational time lags.
6) Low temperature, low humidity
environments
The plastic becomes brittle if the relay is
exposed to a low temperature, low
humidity environment for long periods of
time.
Solder and cleaning conditions
1) Please obey the following conditions
when soldering automatically.
(1) Preheating: Within 120
°C 248°F
(solder surface terminal portion) and
within 120 seconds
(2) Soldering iron: 260
°C±5°C
500
°F±41°F (solder temperature) and
within 6 seconds (soldering time)
2) Since this is not a sealed type relay, do
not clean it as is. Also, be careful not to
allow flux to overflow above the PC board
or enter the inside of the relay.
85
5
060
–40
Humidity, %RH
Tolerance range
+32
+140
–40
Temperature,
°C °F
(Avoid freezing
when used at
temperatures lower
than 0
°C
(Avoid
condensation
when used at
temperatures
higher than
0
°C 32°F)
32
°F)
85
5
Humidity, %RH
Tolerance range
(Avoid
condensation
when used at
temperatures
higher than
0
°C 32°F)
(Avoid freezing
when used at
temperatures
lower than
0
°C 32°F)
85
0
–40
+185
+32
–40
Temperature,
°C °F


Similar Part No. - ALFG1PF241

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
   Load for air conditioner 1a 20A power relays
More results

Similar Description - ALFG1PF241

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
logo
OSRAM GmbH
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com