Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65531D0063A033 Datasheet(PDF) 3 Page - EPCOS

Part # B65531D0063A033
Description  Ferrites and accessories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65531D0063A033 Datasheet(HTML) 3 Page - EPCOS

  B65531D0063A033 Datasheet HTML 1Page - EPCOS B65531D0063A033 Datasheet HTML 2Page - EPCOS B65531D0063A033 Datasheet HTML 3Page - EPCOS B65531D0063A033 Datasheet HTML 4Page - EPCOS B65531D0063A033 Datasheet HTML 5Page - EPCOS B65531D0063A033 Datasheet HTML 6Page - EPCOS B65531D0063A033 Datasheet HTML 7Page - EPCOS B65531D0063A033 Datasheet HTML 8Page - EPCOS B65531D0063A033 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 60133
Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with
center hole
without
center hole
l/A
le
Ae
Amin
Ve
1.0
15.9
15.9
253
0.92
16.3
17.7
14.1
289
mm–1
mm
mm2
mm2
mm3
m
1.7
1.8
g
Material
AL value
nH
s
approx.
mm
e
Ordering code 1)
-D with center hole
-T with threaded sleeve
K1
25
3%
1.00
20
B65531D0025A001
40
3%
0.41
32
B65531D0040A001
M33
40
3%
0.64
32
B65531D0040A033
63
3%
0.38
50
B65531D0063A033
N48
100
3%
0.20
80
B65531D0100A048
160
3%
0.10
127
B65531+0160A048
250
3%
0.06
199
B65531+0250A048
400
5%
0.03
318
B65531D0400J048
Material
AL value
nH
e
PV
W/set
Ordering code
-D with center hole
-W without center hole
M33
780 +30/–20%
620
B65531D0000R033
N48
1800 +30/–20%
1430
B65531D0000R048
N30
3500 +30/–20%
2560
B65531W0000R030
T38
7000 +40/–30%
5130
B65531W0000Y038
N87
2000 +30/–20%
1470
< 0.12 (200 mT, 100 kHz, 100 °C) B65531W0000R087
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65531
Core
P 11
 7


Similar Part No. - B65531D0063A033

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65531D0063A033 EPCOS-B65531D0063A033 Datasheet
100Kb / 7P
   Ferrites and accessories
logo
TDK Electronics
B65531D0063A033 TDK-B65531D0063A033 Datasheet
564Kb / 11P
   Ferrites and accessories
More results

Similar Description - B65531D0063A033

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com