Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-C930EKT Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTST-C930EKT
Description  Package in 8mm tape 7 diameter reels Compatble with automatic placement equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C930EKT Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  LTST-C930EKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C930EKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C930EKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C930EKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C930EKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C930EKT Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
    
     
./
0 7 
6&0;))
(# 9     
4 !." 3 !4 0&0&!&0''4
  ./%#"#&'()*#
/11
2."&-$&0(03!4


Similar Part No. - LTST-C930EKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C930CBKT LITEON-LTST-C930CBKT Datasheet
328Kb / 6P
   Dome lens Chip LED
LTST-C930CKT LITEON-LTST-C930CKT Datasheet
359Kb / 6P
   Compatible with infrared and vapor phase reflow solder process
LTST-C930GKT LITEON-LTST-C930GKT Datasheet
365Kb / 6P
   I.C. compatible
LTST-C930KAKT LITEON-LTST-C930KAKT Datasheet
853Kb / 12P
   SMD LED
LTST-C930KFKT LITEON-LTST-C930KFKT Datasheet
879Kb / 12P
   SMD LED
More results

Similar Description - LTST-C930EKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C155GEKT LITEON-LTST-C155GEKT Datasheet
364Kb / 6P
   Package in 8mm tape on 7 diameter reels Compatible with automatic placement equipment
LTST-T680KRKT LITEON-LTST-T680KRKT Datasheet
484Kb / 11P
   Packge in 8mm tape on 7 diameter reels Compatible with automatic placement equipment
LTW-006DCG-5 LITEON-LTW-006DCG-5 Datasheet
437Kb / 11P
   Package in 12mm tape on 7 diameter reels Compatible with automatic placement equipment
LTST-C150AKT LITEON-LTST-C150AKT Datasheet
307Kb / 6P
   PACKAGE IN 8MM TAPE ON 7" DIAMETER REELS.
LTST-010TBKT LITEON-LTST-010TBKT Datasheet
453Kb / 11P
   Package in 8mm tape on 7" diameter reels
logo
HK TO-GRACE TECHNOLOGY ...
LTW-008ZDCG TO-GRACE-LTW-008ZDCG Datasheet
685Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTST-010KRKT TO-GRACE-LTST-010KRKT Datasheet
660Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTST-T680KGKT TO-GRACE-LTST-T680KGKT Datasheet
681Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTW-M670ZVS-M5 TO-GRACE-LTW-M670ZVS-M5 Datasheet
680Kb / 11P
   Package in 8mm tape on 7" diameter reels.
logo
Lite-On Technology Corp...
LTST-T670YKT LITEON-LTST-T670YKT Datasheet
245Kb / 6P
   Package in 8mm tape on 7 diameter reels
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com