Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EW-712B Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # EW-712B
Description  EW-712B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

EW-712B Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  EW-712B Datasheet HTML 1Page - Asahi Kasei Microsystems EW-712B Datasheet HTML 2Page - Asahi Kasei Microsystems EW-712B Datasheet HTML 3Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EW-712B
●Temparature Dependence of Bop. Brp
●Supply Voltage Dependence of Bop. Brp
6
4
2
0
−2
−4
−6
−60
−40 −20
0
20
40
60
80
100
120
140
Bop
Brp
Ambient Temperature(℃)
Vcc=12V
6
4
2
0
−2
−4
−6
510
15
20
30
25
0
Vcc(V)
Ta=25℃
Bop
Brp
•Please be aware that our products are not intended for use in life support equipment, devices, or systems. Use of our products in such applications requires the
advance written approval of our sales staff.
Certain applications using semiconductor devices may involve potential risks of personal injury, property damage, or loss of life. In order to minimize these risks,
adequate design and operating safeguards should be provided by the customer to minimize inherent or procedural hazards. Inclusion of our products in such
applications is understood to be fully at the risk of the customer using our devices or systems.
●Supply Voltage
●Package(Unit:mm)
Ambient Temperature[℃]
10°
10°
45°
4.1
φ0.3
Sensor Center 1.15
0.25
1.27
0.55
3−0.4
1.27
123
3:OUT
2:GND
1:Vcc
Note) The sensor center is located
    within the φ0.3mm circle.
c
e
m
p
q
r
30
25
20
15
10
5
0
–60
–40
–20
0
20
40
60
80
100
120
140
(4.5)
10


Similar Part No. - EW-712B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
EW-710B AKM-EW-710B Datasheet
123Kb / 3P
   EW-710B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
More results

Similar Description - EW-712B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
EW-432 AKM-EW-432 Datasheet
134Kb / 3P
   EW-432 is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-610B AKM-EW-610B Datasheet
128Kb / 3P
   EW-610B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-750B AKM-EW-750B Datasheet
122Kb / 3P
   EW-750B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-632 AKM-EW-632 Datasheet
135Kb / 3P
   EW-632 is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-652B AKM-EW-652B Datasheet
134Kb / 3P
   EW-652B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-710B AKM-EW-710B Datasheet
123Kb / 3P
   EW-710B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-650B AKM-EW-650B Datasheet
128Kb / 3P
   EW-650B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-732 AKM-EW-732 Datasheet
132Kb / 3P
   EW-732 is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-752B AKM-EW-752B Datasheet
131Kb / 3P
   EW-752B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-6672 AKM-EW-6672_12 Datasheet
131Kb / 3P
   EW-6672 is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com