Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6711L Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6711L
Description  4-Pin SC70 Microprocessor Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6711L Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6711L Datasheet HTML 1Page - Maxim Integrated Products MAX6711L Datasheet HTML 2Page - Maxim Integrated Products MAX6711L Datasheet HTML 3Page - Maxim Integrated Products MAX6711L Datasheet HTML 4Page - Maxim Integrated Products MAX6711L Datasheet HTML 5Page - Maxim Integrated Products MAX6711L Datasheet HTML 6Page - Maxim Integrated Products MAX6711L Datasheet HTML 7Page - Maxim Integrated Products MAX6711L Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-Pin SC70 Microprocessor Reset Circuits
with Manual Reset Input
_______________________________________________________________________________________
3
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design only.
Note 2: RESET output for MAX6711/MAX6713; RESET output for MAX6712.
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = VTH max, ISINK = 3.2mA,
MAX6712L/M
VCC = VTH max, ISINK = 1.2mA,
MAX6712R/S/T/Z
VCC > VTH max, ISOURCE = 800µA,
MAX6711L/M
VCC > VTH max, ISOURCE = 500µA,
MAX6711R/S/T/Z
VCC = VTH min, ISINK = 1.2mA,
MAX6711R/S/T/Z, MAX6713R/S/T/Z
VCC = VTH min, ISINK = 3.2mA,
MAX6711L/M, MAX6713L/M
VCC > VTH, RESET deasserted
VCC > 1.0V, ISINK = 50µA
1.8V < VCC < VTH min, ISOURCE = 150µA
µA
1
RESET Open-Drain Output
Leakage Current
V
0.8 · VCC
VOH
RESET Output-Voltage High
(MAX6712)
0.4
V
0.3
VOL
RESET Output-Voltage Low
(MAX6712)
0.8 · VCC
V
0.8 · VCC
VOH
RESET Output-Voltage High
(MAX6711)
V
0.3
VOL
RESET Output-Voltage Low
(MAX6711/MAX6713)
0.4
0.3
V
0.3 · VCC
VIL
MR Input Threshold
VIH
0.7 · VCC
k
10
20
MR Pull-Up Resistance
1
MR Minimum Pulse Width
µs
ns
100
MR Glitch Immunity
200
MR to Reset Delay
ns
ELECTRICAL CHARACTERISTICS (continued)
(VCC = full range, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = +5V for L/M versions, VCC = +3.3V for
T/S versions, VCC = +3V for R version, VCC = +2.5V for Z version, and TA = +25°C.) (Note 1)


Similar Part No. - MAX6711L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711L MAXIM-MAX6711L Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711L MAXIM-MAX6711L Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
More results

Similar Description - MAX6711L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809 Datasheet
174Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com