Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6324EUT29 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6324EUT29
Description  Supervisory Circuits with Windowed
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6324EUT29 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6324EUT29 Datasheet HTML 1Page - Maxim Integrated Products MAX6324EUT29 Datasheet HTML 2Page - Maxim Integrated Products MAX6324EUT29 Datasheet HTML 3Page - Maxim Integrated Products MAX6324EUT29 Datasheet HTML 4Page - Maxim Integrated Products MAX6324EUT29 Datasheet HTML 5Page - Maxim Integrated Products MAX6324EUT29 Datasheet HTML 6Page - Maxim Integrated Products MAX6324EUT29 Datasheet HTML 7Page - Maxim Integrated Products MAX6324EUT29 Datasheet HTML 8Page - Maxim Integrated Products MAX6324EUT29 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
µP Supervisory Circuits with Windowed
(Min/Max) Watchdog and Manual Reset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = 3V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ..................................................................-0.3V to +6.0V
MR, RESET (MAX6323), WDI................-0.3V to (VCC + 0.3V)
WDPO, RESET (MAX6324) ..............................-0.3V to +6.0V
Input Current, VCC, WDI, MR ..............................................20mA
Output Current, RESET, WDPO ..........................................20mA
Rate of Rise, VCC ............................................................100V/µs
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 8.7mW/°C above +70°C) ..........696mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-Free ............................................................+260°C
Containing Lead.........................................................+240°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
4.25
4.38
4.50
4.50
4.63
4.75
Supply Current
ICC
27
57
µA
Operating Voltage Range
1.2
5.5
VCC
V
VCC = 5.5V
VCC = 2.5V or 3.3V
23
45
µA
1
V RESET = V WDPO = +5.5V, RESET, WDPO
deasserted
ILKG
WDPO, RESET Output Leakage
V
VCC - 1.5
ISOURCE = 800µA, VCC = 4.75V, RESET
deasserted, (MAX632_ _UT44, MAX632_ _UT46)
VOH
RESET Output Voltage
(MAX6323)
0.8 x VCC
ISOURCE = 500µA, VCC = 3.15V, RESET
deasserted (MAX632_ _UT23, MAX632_ _UT26,
MAX632_ _UT29, MAX632_ _UT31)
V
0.4
ISINK = 100µA, VCC > 1.2V, RESET asserted
VOL
WDPO, RESET Output Voltage
0.4
ISINK = 3.2mA, VCC = 4.25V (MAX632_ _UT44,
MAX632_ _UT46)
0.4
ISINK = 1.2mA, VCC = 2.25V (MAX632_ _UT23,
MAX632_ _UT26, MAX632_ _UT29,
MAX632_ _UT31)
µs
20
10mV/ms, VTH +100mV to VTH - 100mV
VCC to RESET Delay
ms
100
180
280
RESET deasserted
tRP
Reset Timeout Delay
V
2.25
2.32
2.38
CONDITIONS
MAX632_ _UT23
VTH
Reset Threshold Voltage
MAX632_ _UT44
MAX632_ _UT46
No load, RESET
deasserted
2.55
2.63
2.70
MAX632_ _UT26
2.85
2.93
3.00
MAX632_ _UT29
3.00
3.08
3.15
MAX632_ _UT31


Similar Part No. - MAX6324EUT29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6324EUT29 MAXIM-MAX6324EUT29 Datasheet
149Kb / 13P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 5; 5/10
More results

Similar Description - MAX6324EUT29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_10 Datasheet
149Kb / 13P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 5; 5/10
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323-MAX6324 MAXIM-MAX6323-MAX6324 Datasheet
717Kb / 12P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 3; 3/04
MAX6323 MAXIM-MAX6323 Datasheet
226Kb / 12P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 2; 2/03
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
logo
Analog Devices
ADM8323WCC29ARJZR7 AD-ADM8323WCC29ARJZR7 Datasheet
283Kb / 16P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8323 AD-ADM8323 Datasheet
261Kb / 15P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
Rev. B
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com