Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-2416TZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2416TZ
Description  Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2416TZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-2416TZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416TZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416TZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416TZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416TZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416TZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416TZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416TZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416TZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
6.35
(0.25)
2.54
(0.10)
3.81
(0.15)
6.4
(0.25) DIA.
12.7
(0.50)
12.7
(0.50)
22.2
(0.87)
5.1
(0.20)
10.2
(0.40)
3.6
(0.14)
1.27
(0.05)
2.54
(0.10)
PINS 1,4,5,8
0.51 X 0.38
(0.020 X 0.015)
PINS 2,3,6,7
0.46
(0.018)
DIA.
PIN NO. 1
INDICATOR
1/4 - 36 UNS 2A THREAD
8.2
(0.32)
6.35
(0.25)
12.7
(0.50)
27.2
(1.07)
5.1
(0.20)
10.2
(0.40)
3.6
(0.14)
1.27
(0.05)
2.54
(0.10)
PIN NO. 1
INDICATOR
2.54
(0.10)
3.81
(0.15)
DIA.
12.7
(0.50)
7.0
(0.28)
4.9
(0.193)
max.
PINS 1,4,5,8
0.51 X 0.38
(0.020 X 0.015)
PINS 2,3,6,7
∅ 0.46
(0.018)
Mechanical Dimensions - SMA Port
HFBR-x40xZ
Mechanical Dimensions - ST Port
HFBR-x41xZ
Dimensions in mm (inches)
Dimensions in mm (inches)


Similar Part No. - HFBR-2416TZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2416TZ AVAGO-HFBR-2416TZ Datasheet
315Kb / 25P
   RoHS Compliant
logo
Broadcom Corporation.
HFBR-2416TZ BOARDCOM-HFBR-2416TZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
More results

Similar Description - HFBR-2416TZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
logo
Agilent(Hewlett-Packard...
HFBR-0400 HP-HFBR-0400 Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-2409Z AVAGO-AFBR-2409Z Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
AFBR-24X8XZ AVAGO-AFBR-24X8XZ Datasheet
239Kb / 6P
   DC-50MBd Miniature Link Fiber Optic Receiver
AFBR-24X9XZ AVAGO-AFBR-24X9XZ Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com