Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6324BUT46 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6324BUT46
Description  Supervisory Circuits with Windowed
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6324BUT46 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6324BUT46 Datasheet HTML 5Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 6Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 7Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 8Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 9Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 10Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 11Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 12Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Interfacing to µPs with
Bidirectional Reset Pins
Since the RESET output on the MAX6324 is open-drain,
this device easily interfaces with µPs that have bidirec-
tional reset pins, such as the Motorola 68HC11.
Connecting the µP supervisor’s RESET output directly
to the microcontroller’s (µC’s) RESET pin with a single
pullup resistor allows either device to assert reset
(Figure 7).
MAX6324 Open-Drain
RESET Output
Allows Use with Multiple Supplies
Generally, the pullup resistor connected to the
MAX6324 will connect to the supply voltage that is
being monitored at the IC’s VCC pin. However, some
systems may use the open-drain output to level-shift
from the monitored supply to reset circuitry powered by
some other supply (Figure 8). Keep in mind that as the
MAX6324’s VCC decreases below +1.2V, so does the
IC’s ability to sink current at RESET. Also, with any pull-
up resistor, RESET will be pulled high as VCC decays
toward 0. The voltage where this occurs depends on
the pullup resistor value and the voltage to which it is
connected.
Watchdog Software Considerations
To help the watchdog timer monitor software execution
more closely, set and reset the watchdog input at dif-
ferent points in the program, rather than “pulsing” the
watchdog input high-low-high or low-high-low. This
technique avoids a “stuck” loop in which the watchdog
time would continue to be reset within the loop, keeping
the watchdog from timing out.
Figure 9 shows an example of a flow diagram where
the I/O driving the watchdog input is set high at the
beginning of the program, set low at the beginning of
every subroutine or loop, then set high again when the
program returns to the beginning. If the program should
“hang” in any subroutine, the problem would be quickly
corrected, since the I/O is continually set low and the
watchdog time is allowed to time out, causing a reset or
interrupt to be issued.
µP Supervisory Circuits with Windowed
(Min/Max) Watchdog and Manual Reset
_______________________________________________________________________________________
9
MAX6323
GND
VCC
VCC
RESET
R1
100k
Figure 6. RESET Valid to VCC = Ground Circuit
MAX6324
GND
GND
VCC
VCC
VCC
µP
RESET
RESET
INPUT
Figure 7. Interfacing to µPs with Bidirectional Reset Pins
MAX6324
GND
GND
VCC
+3.3V
+5.0V
VCC
5V SYSTEM
RESET
RESET
INPUT
RPULLUP
Figure 8. MAX6324 Open-Drain RESET Output Allows Use with
Multiple Supplies


Similar Part No. - MAX6324BUT46

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6324BUT46 MAXIM-MAX6324BUT46 Datasheet
149Kb / 13P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 5; 5/10
More results

Similar Description - MAX6324BUT46

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_10 Datasheet
149Kb / 13P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 5; 5/10
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323-MAX6324 MAXIM-MAX6323-MAX6324 Datasheet
717Kb / 12P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 3; 3/04
MAX6323 MAXIM-MAX6323 Datasheet
226Kb / 12P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 2; 2/03
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
logo
Analog Devices
ADM8323WCC29ARJZR7 AD-ADM8323WCC29ARJZR7 Datasheet
283Kb / 16P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8323 AD-ADM8323 Datasheet
261Kb / 15P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
Rev. B
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com