Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX810-EXR-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX810-EXR-T
Description  3-Pin Microprocessor Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX810-EXR-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX810-EXR-T Datasheet HTML 1Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 2Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 3Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 4Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 5Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 6Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 7Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX803/MAX809/MAX810 are microprocessor (µP)
supervisory circuits used to monitor the power supplies
in µP and digital systems. They provide excellent circuit
reliability and low cost by eliminating external compo-
nents and adjustments when used with +5V, +3.3V,
+3.0V, or +2.5V powered circuits.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for at
least 140ms after VCC has risen above the reset thresh-
old. Reset thresholds suitable for operation with a vari-
ety of supply voltages are available.
The MAX803 has an open-drain output stage, while the
MAX809/MAX810 have push-pull outputs. The
MAX803’s open-drain RESET output requires a pull-up
resistor that can be connected to a voltage higher than
VCC. The MAX803/MAX809 have an active-low RESET
output, while the MAX810 has an active-high RESET
output. The reset comparator is designed to ignore fast
transients on VCC, and the outputs are guaranteed to
be in the correct logic state for VCC down to 1V.
Low supply current makes the MAX803/MAX809/
MAX810 ideal for use in portable equipment. The
MAX803 is available in a 3-pin SC70 package, and the
MAX809/MAX810 are available in 3-pin SC70 or SOT23
packages.
Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable/Battery-Powered Equipment
Automotive
____________________________Features
o Precision Monitoring of +2.5V, +3V, +3.3V, and
+5V Power-Supply Voltages
o Fully Specified Over Temperature
o Available in Three Output Configurations
Open-Drain RESET Output (MAX803)
Push-Pull RESET Output (MAX809)
Push-Pull RESET Output (MAX810)
o 140ms min Power-On Reset Pulse Width
o 12µA Supply Current
o Guaranteed Reset Valid to VCC = +1V
o Power Supply Transient Immunity
o No External Components
o 3-Pin SC70 and SOT23 Packages
3-Pin Microprocessor Reset Circuits
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
RESET (RESET)
1
GND
VCC
MAX803
MAX809
MAX810
SC70-3/SOT23-3
2
3
( ) ARE FOR MAX810.
MAX803 AVAILABLE IN SC70-3 ONLY.
MAX803
MAX809
VCC
VCC
RPULL-UP*
RESET
RESET
INPUT
GND
VCC
GND
*MAX803 ONLY
µP
Pin Configuration
Typical Operating Circuit
19-0344; Rev 5; 1/01
Note: These parts are offered in 2.5k or 10k reels, and must be
ordered in 2.5k or 10k increments. Order MAX803_EXR-T for
2.5k reels and MAX803_EXR-T10 for 10k reels. Insert the
desired suffix letter from the Selector Guide into the blank to
complete the part number. All versions of these products may
not be available at the time of announcement. Contact factory for
availability.
3 SC70-3
-40°C to +125°C
MAX803_EXR-T10
3 SC70-3
PIN-PACKAGE
TEMP. RANGE
-40°C to +125°C
MAX803_EXR-T
PART
3 SC70-3
-40°C to +125°C
MAX809_EXR-T10
3 SC70-3
-40°C to +125°C
MAX809_EXR-T
3 SOT23-3
-40°C to +105°C
MAX809_EUR-T10
3 SOT23-3
-40°C to +105°C
MAX809_EUR-T
3 SC70-3
-40°C to +125°C
MAX810_EXR-T10
3 SC70-3
-40°C to +125°C
MAX810_EXR-T
3 SOT23-3
-40°C to +105°C
MAX810_EUR-T10
3 SOT23-3
-40°C to +105°C
MAX810_EUR-T
Ordering Information
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX810-EXR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX810-EXR-T MAXIM-MAX810-EXR-T Datasheet
167Kb / 8P
   MAX803/MAX809/MAX810 3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
More results

Similar Description - MAX810-EXR-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com