Electronic Components Datasheet Search |
|
MAX6323HUT29 Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX6323HUT29 Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 13 page µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VCC = full range, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = 3V, TA = +25°C.) (Note 1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Terminal Voltage (with respect to GND) VCC ..................................................................-0.3V to +6.0V MR, RESET (MAX6323), WDI................-0.3V to (VCC + 0.3V) WDPO, RESET (MAX6324) ..............................-0.3V to +6.0V Input Current, VCC, WDI, MR ..............................................20mA Output Current, RESET, WDPO ..........................................20mA Rate of Rise, VCC ............................................................100V/µs Continuous Power Dissipation (TA = +70°C) 6-Pin SOT23 (derate 8.7mW/°C above +70°C) ..........696mW Operating Temperature Range .........................-40°C to +125°C Junction Temperature ......................................................+150°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10s) .................................+300°C Soldering Temperature (reflow) Lead(Pb)-Free ............................................................+260°C Containing Lead.........................................................+240°C PARAMETER SYMBOL MIN TYP MAX UNITS 4.25 4.38 4.50 4.50 4.63 4.75 Supply Current ICC 27 57 µA Operating Voltage Range 1.2 5.5 VCC V VCC = 5.5V VCC = 2.5V or 3.3V 23 45 µA 1 V RESET = V WDPO = +5.5V, RESET, WDPO deasserted ILKG WDPO, RESET Output Leakage V VCC - 1.5 ISOURCE = 800µA, VCC = 4.75V, RESET deasserted, (MAX632_ _UT44, MAX632_ _UT46) VOH RESET Output Voltage (MAX6323) 0.8 x VCC ISOURCE = 500µA, VCC = 3.15V, RESET deasserted (MAX632_ _UT23, MAX632_ _UT26, MAX632_ _UT29, MAX632_ _UT31) V 0.4 ISINK = 100µA, VCC > 1.2V, RESET asserted VOL WDPO, RESET Output Voltage 0.4 ISINK = 3.2mA, VCC = 4.25V (MAX632_ _UT44, MAX632_ _UT46) 0.4 ISINK = 1.2mA, VCC = 2.25V (MAX632_ _UT23, MAX632_ _UT26, MAX632_ _UT29, MAX632_ _UT31) µs 20 10mV/ms, VTH +100mV to VTH - 100mV VCC to RESET Delay ms 100 180 280 RESET deasserted tRP Reset Timeout Delay V 2.25 2.32 2.38 CONDITIONS MAX632_ _UT23 VTH Reset Threshold Voltage MAX632_ _UT44 MAX632_ _UT46 No load, RESET deasserted 2.55 2.63 2.70 MAX632_ _UT26 2.85 2.93 3.00 MAX632_ _UT29 3.00 3.08 3.15 MAX632_ _UT31 |
Similar Part No. - MAX6323HUT29 |
|
Similar Description - MAX6323HUT29 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |