Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF25-217ETZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HF25-217ETZ
Description  The Versatile Fiber Optic Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HF25-217ETZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HF25-217ETZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HF25-217ETZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HF25-217ETZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HF25-217ETZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HF25-217ETZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HF25-217ETZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HF25-217ETZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HF25-217ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HF25-217ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Mechanical Dimensions
Horizontal Modules
Vertical Modules
6.86
(0.270)
10.16
(0.400)
4.19
(0.165)
1.27
(0.050)
2.54
(0.100)
0.51
(0.020)
18.8
(0.74)
2.03
(0.080)
7.62
(0.30)
0.64
(0.025)
7.62
(0.300)
2.77
(0.109)
1.85
(0.073)
0.64 (0.025) DIA.
5.08
(0.200)
3.81 (0.150) MAX.
3.56 (0.140) MIN.
2.03
(0.080)
10.16
(0.400)
5.08
(0.200)
6.86
(0.27)
18.80
(0.740)
18.29
(0.720)
30° Tilted Modules
DIMENSIONS IN MILLIMETERS (INCHES).
DIMENSIONS IN MILLIMETERS (INCHES).
7.62
(0.300)
2.54
(0.100)
0.4
(0.02)
B
18.7
(0.74)
30
0.7
(0.03)
0.5
(0.02)
A
1.1
(0.05)
2.2
(0.09)
19.3
(0.76)
1.3
(0.05)
8.7
(0.34)
10.1
(0.40)


Similar Part No. - HF25-217ETZ

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HF250-50 ASI-HF250-50 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF250-50 ASI-HF250-50 Datasheet
346Kb / 2P
   NPN SILICON RF POWER TRANSISTOR
HF250-50 ASI-HF250-50_07 Datasheet
346Kb / 2P
   NPN SILICON RF POWER TRANSISTOR
logo
Hongfa Technology
HF25F HONGFA-HF25F Datasheet
90Kb / 4P
   SUBMINIATURE HIGH POWER RELAY
HF25F HONGFA-HF25F Datasheet
83Kb / 4P
   SUBMINIATURE HIGH POWER RELAY
More results

Similar Description - HF25-217ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com