Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFIC1807 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRFIC1807
Description  1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1807 Datasheet(HTML) 1 Page - Motorola, Inc

  MRFIC1807 Datasheet HTML 1Page - Motorola, Inc MRFIC1807 Datasheet HTML 2Page - Motorola, Inc MRFIC1807 Datasheet HTML 3Page - Motorola, Inc MRFIC1807 Datasheet HTML 4Page - Motorola, Inc MRFIC1807 Datasheet HTML 5Page - Motorola, Inc MRFIC1807 Datasheet HTML 6Page - Motorola, Inc MRFIC1807 Datasheet HTML 7Page - Motorola, Inc MRFIC1807 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MRFIC1807
MOTOROLA RF DEVICE DATA
The MRFIC Line
1.8 GHz Power Amp/Switch
Designed primarily for use in DECT, Japan Personal Handy System (PHS)
and other wireless Personal Communication Systems (PCS) applications.
The MRFIC1807 includes a single–stage power amplifier and transmit/receive
switch in a low–cost SOIC–16 package. The amplifier portion employs a
depletion mode power GaAs MESFET and produces up to +27 dBm output
with +19 dBm input. On–chip power control circuitry allows bias adjustment for
optimum performance. The T/R switch is capable of handling up to +28 dBm
through the transmit path without significant increase in insertion loss. The
switch is controlled by CMOS logic level signals — no negative control voltage
required. The MRFIC1807 is sized to be driven by the MRFIC1806 Driver/
Ramp IC.
Together with the rest of the MRFIC1800 GaAs ICs, this family offers the
complete transmit and receive functions, less LO and filters, needed for a
typical 1.8 GHz cordless telephone.
• Usable 1500–2200 MHz
• 8.0 dB Gain Including Switch
• +26 dBm Minimum Output Power at Antenna Port
• 1.0 dB Typ RX Path Insertion Loss
• Simple Off–Chip Matching for Maximum Flexibility
• 3.0 to 5.0 V Supply
• No Spurious Outputs for Load VSWR up to 8:1
• CMOS Level Switching Signal for T/R Switch
• Order MRFIC1807R2 for Tape and Reel.
R2 Suffix = 2,500 Units per 16 mm, 13 inch Reel.
• Device Marking = M1807
Figure 1. Pin Connection and Functional Block Diagram
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
ANTENNA
REG VDD
GND
GND
TX IN
RX OUT
PA OUT
VSS
GND
GND
GND
GND
RF IN
TX/RX
GND
PCNTRL
GATE
BIAS
REG VDD
Order this document
by MRFIC1807/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRFIC1807
1.8 GHz POWER AMPLIFIER
AND TRANSMIT/RECEIVE
SWITCH
GaAs MONOLITHIC
INTEGRATED CIRCUIT
CASE 751B–05
(SO–16)
© Motorola, Inc. 1997
REV 2


Similar Part No. - MRFIC1807

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1801 MOTOROLA-MRFIC1801 Datasheet
68Kb / 4P
   1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1803 MOTOROLA-MRFIC1803 Datasheet
119Kb / 6P
   1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC1807

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1801 MOTOROLA-MRFIC1801 Datasheet
68Kb / 4P
   1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1803 MOTOROLA-MRFIC1803 Datasheet
119Kb / 6P
   1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226_05 Datasheet
196Kb / 6P
   GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
HMC226 HITTITE-HMC226_06 Datasheet
264Kb / 6P
   GaAs MMIC 3V SOT26 TRANSMIT RECEIVE SWITCH, DC - 2.0 GHz
HMC226 HITTITE-HMC226_10 Datasheet
180Kb / 4P
   GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
HMC226 HITTITE-HMC226 Datasheet
179Kb / 6P
   GaAs MMIC 3V SOT26 TRANSMIT/RECEIVE SWITCH, DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com