Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG413AK Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG413AK
Description  Improved, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG413AK Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG413AK Datasheet HTML 1Page - Maxim Integrated Products DG413AK Datasheet HTML 2Page - Maxim Integrated Products DG413AK Datasheet HTML 3Page - Maxim Integrated Products DG413AK Datasheet HTML 4Page - Maxim Integrated Products DG413AK Datasheet HTML 5Page - Maxim Integrated Products DG413AK Datasheet HTML 6Page - Maxim Integrated Products DG413AK Datasheet HTML 7Page - Maxim Integrated Products DG413AK Datasheet HTML 8Page - Maxim Integrated Products DG413AK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
Maxim’s redesigned DG411/DG412/DG413 analog
switches now feature low on-resistance matching
between switches (3
Ω max) and guaranteed on-resis-
tance flatness over the signal range (
Δ4Ω max). These
low on-resistance switches conduct equally well in
either direction. They guarantee low charge injection,
low power consumption, and an ESD tolerance of
2000V minimum per Method 3015.7. The new design
offers lower off-leakage current over temperature (less
than 5nA at +85°C).
The DG411/DG412/DG413 are quad, single-pole/sin-
gle-throw (SPST) analog switches. The DG411 is nor-
mally closed (NC), and the DG412 is normally open
(NO). The DG413 has two NC switches and two NO
switches. Switching times are less than 150ns max for
tON and less than 100ns max for tOFF. These devices
operate from a single +10V to +30V supply, or bipolar
±4.5V
to
±20V
supplies.
Maxim’s
improved
DG411/DG412/DG413 are fabricated with a 44V silicon-
gate process.
________________________Applications
Sample-and-Hold Circuits
Communication Systems
Test Equipment
Battery-Operated Systems
Heads-Up Displays
PBX, PABX
Guidance & Control Systems
Audio Signal Routing
Military Radios
______________________New Features
♦♦ Plug-In Upgrade for Industry-Standard
DG411/DG412/DG413
♦♦ Improved RDS(ON) Match Between Channels
(3
Ω max)
♦♦ Guaranteed RFLAT(ON) Over Signal Range (Δ4Ω)
♦♦ Improved Charge Injection (10pC max)
♦♦ Improved Off-Leakage Current Over Temperature
(< 5nA at +85°C)
♦♦ Withstand Electrostatic Discharge (2000V min)
per Method 3015.7
__________________Existing Features
♦♦ Low RDS(ON) (35Ω max)
♦♦ Single-Supply Operation +10V to +30V
♦♦ Bipolar-Supply Operation ±4.5V to ±20V
♦♦ Low Power Consumption (35µW max)
♦♦ Rail-to-Rail Signal Handling
♦♦ TTL/CMOS-Logic Compatible
Ordering Information
Improved, Quad,
SPST Analog Switches
________________________________________________________________
Maxim Integrated Products
1
SWITCHES SHOWN FOR LOGIC “0” INPUT
DIP/SO/TSSOP
DG412
LOGIC
SWITCH
0
1
OFF
ON
TOP VIEW
DIP/SO/TSSOP
DG411
LOGIC
SWITCH
0
1
ON
OFF
DIP/SO/TSSOP
DG413
LOGIC
SWITCHES
1, 4
0
1
OFF
ON
SWITCHES
2, 3
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
D2
S2
V+
V-
S1
D1
IN1
DG413
VL
S3
D3
IN3
IN4
D4
S4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
D2
S2
V+
V-
S1
D1
IN1
DG411
VL
S3
D3
IN3
IN4
D4
S4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
D2
S2
V+
V-
S1
D1
IN1
DG412
VL
S3
D3
IN3
IN4
D4
S4
GND
Pin Configurations/Functional Diagrams/Truth Tables
19-4728; Rev 7; 9/08
Ordering Information continued at end of data sheet.
Contact factory for dice specifications.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations and Functional Diagrams continued at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
DG411CJ
0°C to +70°C
16 Plastic DIP
DG411CUE
0°C to +70°C
16 TSSOP
DG411EUE
-40°C to +85°C
16 TSSOP
DG411CY
0°C to +70°C
16 Narrow SO
DG411C/D
0°C to +70°C
Dice†


Similar Part No. - DG413AK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG413AK MAXIM-DG413AK Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
logo
Intersil Corporation
DG413AK INTERSIL-DG413AK Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
logo
Vishay Siliconix
DG413AK VISHAY-DG413AK Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
logo
Maxim Integrated Produc...
DG413AK MAXIM-DG413AK Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
logo
Intersil Corporation
DG413AK/883 INTERSIL-DG413AK/883 Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
More results

Similar Description - DG413AK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com