Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG413EUE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG413EUE
Description  Improved, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG413EUE Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG413EUE Datasheet HTML 1Page - Maxim Integrated Products DG413EUE Datasheet HTML 2Page - Maxim Integrated Products DG413EUE Datasheet HTML 3Page - Maxim Integrated Products DG413EUE Datasheet HTML 4Page - Maxim Integrated Products DG413EUE Datasheet HTML 5Page - Maxim Integrated Products DG413EUE Datasheet HTML 6Page - Maxim Integrated Products DG413EUE Datasheet HTML 7Page - Maxim Integrated Products DG413EUE Datasheet HTML 8Page - Maxim Integrated Products DG413EUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Improved, Quad,
SPST Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = 12V, V- = 0V, VL = 5V, VGND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Note 2:
The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3:
Guaranteed by design.
Note 4:
ΔRON = ΔRON max - ΔRON min. On-resistance match between channels and flatness are guaranteed only with
bipolar-supply operation. Flatness is defined as the difference between the maximum and minimum value of on-resistance
as measured at the extremes of the specified analog signal range.
Note 5:
Off-Isolation = 20log(VD/VS), VD = output, VS = input to off switch. See Figure 5.
Note 6:
Between any two switches. See Figure 6.
Note 7:
Leakage parameters IS(OFF), ID(OFF), and ID(ON) are 100% tested at the maximum-rated hot temperature and guaranteed
by correlation at +25°C.
-5
5
TA = +25°C
TA = TMAX
-5
5
TA = TMAX
-5
5
TA = TMAX
315
TA = TMIN to TMAX
-5
5
TA = TMAX
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
CONDITIONS
pC
510
CL = 1.0nF,
VGEN = 0V,
RGEN = 0V,
Figure 4
Q
Charge Injection
(Note 3)
ns
25
DG413 only,
RL = 300
Ω, CL = 35pF,
Figure 3
tD
Break-Before-Make Time Delay
VS = 8V,
Figure 2
VS = 8V,
Figure 2
All channels on or off,
VL = 5.25V,
VIN = 0V or 5V
All channels on or off,
V+ = 13.2V,
VIN = 0V or 5V
All channels on or off,
VL = 5.25V,
VIN = 0V or 5V
All channels on or off,
V+ = 13.2V,
VIN = 0V or 5V
V+ = 10.8V,
VD = 3.8V,
IS = -10mA
ns
140
tOFF
Turn-Off Time
40
80
95
125
tON
ns
175
250
V
012
VANALOG
Turn-On Time
µA
-1
-0.0001
1
IGND
Analog Signal Range
Ground Current
µA
-1
0.0001
1
I-
Negative Supply Current
µA
-1
0.0001
1
IL
µA
-1
0.0001
1
I+
Positive Supply Current
Logic Supply Current
Ω
100
RDS(ON)
Drain-Source On-Resistance
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
SWITCH
SUPPLY
DYNAMIC
(Note 3)


Similar Part No. - DG413EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG413EGE MAXIM-DG413EGE Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG413EVE MAXIM-DG413EVE Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
More results

Similar Description - DG413EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com