Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555CM Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # LM555CM
Description  Single Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM555CM Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button LM555CM Datasheet HTML 6Page - Fairchild Semiconductor LM555CM Datasheet HTML 7Page - Fairchild Semiconductor LM555CM Datasheet HTML 8Page - Fairchild Semiconductor LM555CM Datasheet HTML 9Page - Fairchild Semiconductor LM555CM Datasheet HTML 10Page - Fairchild Semiconductor LM555CM Datasheet HTML 11Page - Fairchild Semiconductor LM555CM Datasheet HTML 12Page - Fairchild Semiconductor LM555CM Datasheet HTML 13Page - Fairchild Semiconductor LM555CM Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LM555/NE555/SA555
10
10
10
10
When the trigger starts in a timer configured as shown in Figure 13, the current flowing through capacitor C1 becomes a
constant current generated by PNP transistor and resistors.
Hence, the VC is a linear ramp function as shown in Figure 14. The gradient S of the linear ramp function is defined as
follows:
Here the Vp-p is the peak-to-peak voltage.
If the electric charge amount accumulated in the capacitor is divided by the capacitance, the VC comes out as follows:
V=Q/C
(15)
The above equation divided on both sides by T gives us
and may be simplified into the following equation.
S=I/C
(17)
In other words, the gradient of the linear ramp function appearing across the capacitor can be obtained by using the constant
current flowing through the capacitor.
If the constant current flow through the capacitor is 0.215mA and the capacitance is 0.02
µF, the gradient of the ramp function
at both ends of the capacitor is S = 0.215m/0.022
µ = 9.77V/ms.
S
V
pp
T
----------------
=
14
()
V
T
----
QT
C
------------
=
16
()


Similar Part No. - LM555CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM555CM NSC-LM555CM Datasheet
822Kb / 12P
   Timer
logo
Texas Instruments
LM555CM TI-LM555CM Datasheet
1Mb / 21P
[Old version datasheet]   Timing from Microseconds through Hours
logo
Fairchild Semiconductor
LM555CM FAIRCHILD-LM555CM Datasheet
282Kb / 13P
   Single Timer
logo
Texas Instruments
LM555CM TI1-LM555CM Datasheet
1Mb / 25P
[Old version datasheet]   Timer
logo
ON Semiconductor
LM555CM ONSEMI-LM555CM Datasheet
473Kb / 15P
   Single Timer
January 2013 Rev. 1.1.0
More results

Similar Description - LM555CM

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com