Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1245YP-70 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1245YP-70
Description  1024k Nonvolatile SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1245YP-70 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1245YP-70 Datasheet HTML 2Page - Maxim Integrated Products DS1245YP-70 Datasheet HTML 3Page - Maxim Integrated Products DS1245YP-70 Datasheet HTML 4Page - Maxim Integrated Products DS1245YP-70 Datasheet HTML 5Page - Maxim Integrated Products DS1245YP-70 Datasheet HTML 6Page - Maxim Integrated Products DS1245YP-70 Datasheet HTML 7Page - Maxim Integrated Products DS1245YP-70 Datasheet HTML 8Page - Maxim Integrated Products DS1245YP-70 Datasheet HTML 9Page - Maxim Integrated Products DS1245YP-70 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DS1245Y/AB
8 of 10
POWER-DOWN/POWER-UP TIMING
(TA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC Fail Detect to CE and WE Inactive
tPD
1.5
µs
11
VCC slew from VTP to 0V
tF
150
µs
VCC slew from 0V to VTP
tR
150
µs
VCC Valid to CE and WE Inactive
tPU
2
ms
VCC Valid to End of Write Protection
tREC
125
ms
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Expected Data Retention Time
tDR
10
years
9
WARNING:
Under no circumstance are negative undershoots, of any amplitude, allowed when device is in battery
backup mode.
NOTES:
1.
WE
is high for a Read Cycle.
2.
OE
= VIH or VIL. If OE = VIH during write cycle, the output buffers remain in a high impedance state.
3. tWP is specified as the logical AND of CE and WE . tWP is measured from the latter of CE or WE
going low to the earlier of CE or WE going high.
4. tDH, tDS are measured from the earlier of CE or WE going high.
5. These parameters are sampled with a 5 pF load and are not 100% tested.
6. If the CE low transition occurs simultaneously with or latter than the WE low transition, the output
buffers remain in a high impedance state during this period.
7. If the CE high transition occurs prior to or simultaneously with the WE high transition, the output
buffers remain in high impedance state during this period.
8. If WE is low or the WE low transition occurs prior to or simultaneously with the CE low transition,
the output buffers remain in a high impedance state during this period.
9. Each DS1245 has a built-in switch that disconnects the lithium source until the user first applies VCC.
The expected tDR is defined as accumulative time in the absence of VCC starting from the time power
is first applied by the user. This parameter is assured by component selection, process control, and
design. It is not measured directly during production testing.
10. Each DS1245 has a built-in switch that disconnects the lithium source until VCC is first applied by the
user. The expected tDR is defined as accumulative time in the absence of VCC starting from the time
power is first applied by the user.
11. All AC and DC electrical characteristics are valid over the full operating temperature range. For
commercial products, this range is 0
°C to 70°C. For industrial products (IND), this range is -40°C to
+85
°C.
12. In a power-down condition the voltage on any pin may not exceed the voltage on VCC.


Similar Part No. - DS1245YP-70

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1245YP-70++ MAXIM-DS1245YP-70+ Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
19-5638; Rev 11/10
logo
Dallas Semiconductor
DS1245YP-70-IND DALLAS-DS1245YP-70-IND Datasheet
221Kb / 12P
   1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YP-70IND++ MAXIM-DS1245YP-70IND+ Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
19-5638; Rev 11/10
More results

Similar Description - DS1245YP-70

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1245Y DALLAS-DS1245Y_10 Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245AB MAXIM-DS1245AB Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
19-5638; Rev 11/10
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
Dallas Semiconductor
DS1245Y DALLAS-DS1245Y Datasheet
221Kb / 12P
   1024k Nonvolatile SRAM
DS1245YL DALLAS-DS1245YL Datasheet
181Kb / 9P
   1024K Nonvolatile SRAM
DS1245W DALLAS-DS1245W Datasheet
218Kb / 11P
   3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245W MAXIM-DS1245W Datasheet
229Kb / 10P
   3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
logo
ARTSCHIP ELECTRONICS CO...
DS1245W ARTSCHIP-DS1245W Datasheet
401Kb / 11P
   3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1345Y MAXIM-DS1345Y Datasheet
220Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
032904
DS1345YL MAXIM-DS1345YL Datasheet
387Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
022598
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com