Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1020S-15 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1020S-15
Description  Programmable 8-Bit Silicon Delay Line
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1020S-15 Datasheet(HTML) 6 Page - Maxim Integrated Products

  DS1020S-15 Datasheet HTML 1Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 2Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 3Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 4Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 5Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 6Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 7Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 8Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DS1020
6 of 9
ABSOLUTE MAXIMUM RATINGS*
Voltage on any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
Short Circuit Output Current
50 mA for 1 second
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = 5.0V ± 5%)
PARAMETER
SYM
TEST
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.75
5.00
5.25
V
1
High Level
Input Voltage
VIH
2.2
VCC+0.5
V
1
Low Level
Input Voltage
VIL
-0.5
0.8
V
1
Input Leakage
Current
I1
0
≤ VI ≤ VCC
-1.0
1.0
µA
Active Current
ICC
VCC=MAX;
PERIOD=1 µs
30.0
mA
3
High Level
Output Current
IOH
VCC=MIN.
VOH=2.7V
-1.0
mA
Low Level
Output Current
IOL
VCC=MIN.
VOL=0.5V
8mA
4
AC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = 5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Clock Frequency
fC
10
MHz
Enable Width
tEW
50
ns
Clock Width
tCW
50
ns
Data Setup to Clock
tDSC
30
ns
Data Hold from Clock
tDHC
10
ns
Data Setup to Enable
tDSE
30
ns
Data Hold from Enable
tDHE
20
ns
Enable to Serial
Output Valid
tEQV
50
ns
Enable to Serial
Output High Z
tEQZ
050
ns
Clock to Serial
Output Valid
tCQV
50
ns
Clock to Serial
Output Invalid
tCQX
10
ns
Enable Setup to Clock
tES
50
ns
Enable Hold from Clock
tEH
50
ns
Parallel Input Valid
to Delay Valid
tPDV
50
µs


Similar Part No. - DS1020S-15

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020-100 DALLAS-DS1020-100 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020-15 DALLAS-DS1020-15 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020-200 DALLAS-DS1020-200 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020-25 DALLAS-DS1020-25 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
More results

Similar Description - DS1020S-15

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3438 DATADELAY-3D3438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D7438 DATADELAY-3D7438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com