Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21488KSWZ-4B Datasheet(PDF) 2 Page - Analog Devices

Part # ADSP-21488KSWZ-4B
Description  SHARC Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21488KSWZ-4B Datasheet(HTML) 2 Page - Analog Devices

  ADSP-21488KSWZ-4B Datasheet HTML 1Page - Analog Devices ADSP-21488KSWZ-4B Datasheet HTML 2Page - Analog Devices ADSP-21488KSWZ-4B Datasheet HTML 3Page - Analog Devices ADSP-21488KSWZ-4B Datasheet HTML 4Page - Analog Devices ADSP-21488KSWZ-4B Datasheet HTML 5Page - Analog Devices ADSP-21488KSWZ-4B Datasheet HTML 6Page - Analog Devices ADSP-21488KSWZ-4B Datasheet HTML 7Page - Analog Devices ADSP-21488KSWZ-4B Datasheet HTML 8Page - Analog Devices ADSP-21488KSWZ-4B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
Rev. B
|
Page 2 of 68
|
March 2013
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
TABLE OF CONTENTS
Summary ............................................................... 1
General Description ................................................. 3
Family Core Architecture ........................................ 4
Family Peripheral Architecture ................................ 7
I/O Processor Features ......................................... 10
System Design .................................................... 11
Development Tools ............................................. 12
Additional Information ........................................ 13
Related Signal Chains .......................................... 13
Pin Function Descriptions ....................................... 14
Specifications ........................................................ 18
Operating Conditions .......................................... 18
Electrical Characteristics ....................................... 19
Absolute Maximum Ratings .................................. 21
ESD Sensitivity ................................................... 21
Maximum Power Dissipation ................................. 21
Package Information ............................................ 21
Timing Specifications ........................................... 22
Output Drive Currents ......................................... 55
Test Conditions .................................................. 55
Capacitive Loading .............................................. 55
Thermal Characteristics ........................................ 56
100-LQFP_EP Lead Assignment ................................ 58
176-Lead LQFP_EP Lead Assignment ......................... 60
Outline Dimensions ................................................ 64
Surface-Mount Design .......................................... 65
Automotive Products .............................................. 66
Ordering Guide ..................................................... 66
REVISION HISTORY
3/13—Revision A to Revision B
Corrected outstanding document errata.
Added section Static Voltage Scaling (SVS) ................... 11
Revised Development Tools ...................................... 12
Revised MS0-1 Pin Description in
Pin Function Descriptions ........................................ 14
Revised Electrical Characteristics ................................ 19
Revised Total Power Dissipation ................................. 20
Added paragraph to SDRAM Interface Timing (166 MHz
SDCLK) ................................................................ 32
Added footnote 3 to Table 32 in AMI Read ................... 33
Changed Max values in Table 43 in Pulse-Width Modulation
Generators (PWM) ................................................. 45
Added model to Automotive Product Table (Table 63) in
Automotive Products ............................................... 66
Revised Ordering Guide ........................................... 66
Added 450 MHz products and information to the following:
• Tables 1 and 2 in General Description ......................3
• Operating Conditions ........................................ 18
• Electrical Characteristics ..................................... 19
• Tables 14 and 15 in Total Power Dissipation ........... 20
• Table 20 in Clock Input ...................................... 24


Similar Part No. - ADSP-21488KSWZ-4B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21488KSWZ-4B AD-ADSP-21488KSWZ-4B Datasheet
1Mb / 71P
   SHARC Processor
ADSP-21488KSWZ-4B1 AD-ADSP-21488KSWZ-4B1 Datasheet
1Mb / 71P
   SHARC Processor
More results

Similar Description - ADSP-21488KSWZ-4B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com