Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM691A Datasheet(PDF) 2 Page - Analog Devices

Part # ADM691A
Description  Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM691A Datasheet(HTML) 2 Page - Analog Devices

  ADM691A Datasheet HTML 1Page - Analog Devices ADM691A Datasheet HTML 2Page - Analog Devices ADM691A Datasheet HTML 3Page - Analog Devices ADM691A Datasheet HTML 4Page - Analog Devices ADM691A Datasheet HTML 5Page - Analog Devices ADM691A Datasheet HTML 6Page - Analog Devices ADM691A Datasheet HTML 7Page - Analog Devices ADM691A Datasheet HTML 8Page - Analog Devices ADM691A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADM691A/ADM693A/ADM800L/M–SPECIFICATIONS
–2–
REV. 0
(VCC = 4.75 V to 5.5 V (ADM691A, ADM800L) 4.5 V to 5.5 V (ADM693A, ADM800M) VBATT = +2.8 V, TA = TMIN to TMAX unless otherwise noted)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
BATTERY BACKUP SWITCHING
VCC, VBATT Operating Voltage Range
0
5.5
V
VOUT Output Voltage
VCC – 0.05
VCC – 0.02
V
IOUT = 25 mA
VCC – 0.3
VCC – 0.2
V
IOUT = 250 mA
VCC to VOUT Output Resistance
0.8
1.2
VCC = 4.5 V
VOUT in Battery Backup Mode
VBATT – 0.3
V
VBATT = 4.5 V, IOUT = 20 mA
VBATT – 0.25
V
VBATT = 2.8 V, IOUT = 10 mA
VBATT – 0.15
V
VBATT = 2.0 V, IOUT = 5 mA
VBATT to VOUT Output Resistance
12
VBATT = 4.5 V
20
VBATT = 2.8 V
25
VBATT = 2.0 V
Supply Current (Excludes IOUT)
70
100
µAV
CC > (VBATT – 1 V)
Supply Current in B. Backup (Excludes IOUT)
0.04
1
µAV
CC < (VBATT – 1.2 V), VBATT = 2.8 V
Battery Standby Current
5.5 V > VCC > VBATT + 0.2 V
(+ = Discharge, – = Charge)
–0.1
+0.02
µA(V
BATT +0.2 V) < VCC , TA = +25°C
–1.0
+0.02
µA(V
BATT +0.2 V) < VCC
Battery Switchover Threshold
VBATT + 0.03
V
Power Up
VCC–VBATT
VBATT – 0.03
V
Power Down
Battery Switchover Hysteresis
60
mV
BATT ON Output Voltage Low
0.1
0.4
V
ISINK = 3.2 mA
0.7
1.5
V
ISINK = 25 mA
BATT ON Output Short Circuit Current
60
mA
Sink Current
1
15
100
µA
Source Current
RESET AND WATCHDOG TIMER
Reset Voltage Threshold
ADM691A, ADM800L
4.5
4.65
4.75
V
ADM693A, ADM800M
4.25
4.40
4.50
V
ADM800L, VCC Falling
4.55
4.70
V
TA = +25°C
ADM800M, VCC Falling
4.3
4.45
V
TA = +25°C
Reset Threshold Hysteresis
15
mV
VCC to RESET Delay
80
µs
Power Down
LOW LINE
to RESET Delay
800
ns
Reset Timeout Period Internal Oscillator
140
200
280
ms
Power Up
Reset Timeout Period External Clock
2048
Cycles
Power Up
Watchdog Timeout Period, Internal Oscillator
1.0
1.6
2.25
s
Long Period
70
100
140
ms
Short Period
Watchdog Timeout Period, External Clock
4096
Cycles
Long Period
1024
Cycles
Short Period
Minimum WDI Input Pulse Width
100
ns
VIL = 0.4, VIH = 0.75 × VCC
RESET
Output Voltage
0.004
0.3
V
ISINK = 50 µA, VCC = 1 V, VBATT = 0 V
0.1
0.4
V
ISINK = 3.2 mA, VCC = 4.25 V
3.5
V
ISOURCE = 1.6 mA, VCC = 5 V
RESET
Output Short Circuit Current
7
20
mA
RESET Output Voltage Low
0.1
0.4
V
ISINK = 3.2 mA
LOW LINE
Output Voltage
0.4
V
ISINK = 3.2 mA, VCC = 4.25 V
3.5
V
ISOURCE = 1 µA, VCC = 5 V
LOW LINE Short Circuit Source Current
1
15
100
µA
WDO
Output Voltage
0.4
V
ISINK = 3.2 mA, VCC = 4.25 V
3.5
V
ISOURCE = 500 µA, VCC = 5 V
WDO Short Circuit Source Current
3
10
mA
WDI Input Threshold
Logic Low
0.8
V
Logic High
0.75
× V
CC
V
WDI Input Current
–50
–10
µA
WDI = 0 V
20
50
µA
WDI = VOUT
POWER FAIL DETECTOR
PFI Input Threshold ADM69xA
1.2
1.25
1.3
V
VCC = 5 V
PFI Input Threshold ADM800L/M
1.225
1.25
1.275
V
VCC = 5 V
PFI Input Current
±0.01
±25
nA
PFO
Output Voltage
0.4
V
ISINK = 3.2 mA
3.5
ISOURCE = 1 µA
PFO
Short Circuit Source Current
1
15
100
µA
PFI
to PFO Delay
25
µsV
IN = –20 mV
60
µsV
IN = 20 mV


Similar Part No. - ADM691A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM691A AD-ADM691A Datasheet
337Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM691A AD-ADM691A Datasheet
344Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM691AAN AD-ADM691AAN Datasheet
337Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM691AAN AD-ADM691AAN Datasheet
344Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM691AAN AD-ADM691AAN Datasheet
278Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
More results

Similar Description - ADM691A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com