Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX74BQX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LCX74BQX
Description  Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX74BQX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LCX74BQX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX74 Rev. 1.7.0
4
DC Electrical Characteristics
AC Electrical Characteristics
Note:
4. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate
outputs of the same device. The specification applies to any outputs switching in the same direction, either
HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
VCC (V)
Conditions
TA = –40°C to +85°C
Units
Min.
Max.
VIH
HIGH Level Input Voltage
2.3–2.7
1.7
V
2.7–3.6
2.0
VIL
LOW Level Input Voltage
2.3–2.7
0.7
V
2.7–3.6
0.8
VOH
HIGH Level Output Voltage
2.3–3.6
IOH = –100µA
VCC – 0.2
V
2.3
IOH = –8mA
1.8
2.7
IOH = –12mA
2.2
3.0
IOH = –18mA
2.4
IOH = –24mA
2.2
VOL
LOW Level Output Voltage
2.3–3.6
IOL = 100µA
0.2
V
2.3
IOL = 8mA
0.6
2.7
IOL = 12mA
0.4
3.0
IOL = 16mA
0.4
IOL = 24mA
0.55
II
Input Leakage Current
2.3–3.6
0
≤ V
I ≤ 5.5V
±5.0
µA
IOFF
Power-Off Leakage Current
0
VI or VO = 5.5V
10
µA
ICC
Quiescent Supply Current
2.3–3.6
VI = VCC or GND
10
µA
3.6V
≤ V
I ≤ 5.5V
±10
∆I
CC
Increase in ICC per Input
2.3–3.6
VIH = VCC – 0.6V
500
µA
Symbol
Parameter
TA = –40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V,
CL = 50pF
VCC = 2.7V,
CL = 50pF
VCC = 2.5V ± 0.2V,
CL = 30pF
Min.
Max.
Min.
Max.
Min.
Max.
fMAX
Maximum Clock Frequency
150
150
150
MHz
tPHL, tPLH
Propagation Delay,
CPn to Qn or Qn
1.5
7.0
1.5
8.0
1.5
8.4
ns
tPHL, tPLH
Propagation Delay,
CDn or SDn to Qn or Qn
1.5
7.0
1.5
8.0
1.5
8.4
ns
tS
Setup Time
2.5
2.5
4.0
ns
tH
Hold Time
1.5
1.5
2.0
ns
tW
Pulse Width CP
3.3
3.3
4.0
ns
tW
Pulse Width and CD, SD
3.3
3.6
4.0
ns
tREC
Recovery Time
2.5
3.0
4.5
ns
tOSHL, tOSLH Output to Output Skew
(4)
1.0
ns


Similar Part No. - 74LCX74BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX74BQX FAIRCHILD-74LCX74BQX Datasheet
89Kb / 11P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX74BQX ONSEMI-74LCX74BQX Datasheet
682Kb / 13P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
December 2013 Rev. 1.7.1
More results

Similar Description - 74LCX74BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74_08 Datasheet
320Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74 Datasheet
86Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74 Datasheet
70Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74_01 Datasheet
78Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com