Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5088 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2N5088
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5088 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N5088 Datasheet HTML 1Page - Fairchild Semiconductor 2N5088 Datasheet HTML 2Page - Fairchild Semiconductor 2N5088 Datasheet HTML 3Page - Fairchild Semiconductor 2N5088 Datasheet HTML 4Page - Fairchild Semiconductor 2N5088 Datasheet HTML 5Page - Fairchild Semiconductor 2N5088 Datasheet HTML 6Page - Fairchild Semiconductor 2N5088 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
ON CHARACTERISTICS
hFE
DC Current Gain
IC = 100
µA, VCE = 5.0 V
5088
5089
IC = 1.0 mA, VCE = 5.0 V
5088
5089
IC = 10 mA, VCE = 5.0 V*
5088
5089
300
400
350
450
300
400
900
1200
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
0.5
V
VBE(on)
Base-Emitter On Voltage
IC = 10 mA, VCE = 5.0 V
0.8
V
SMALL SIGNAL CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown
Voltage*
IC = 1.0 mA, IB = 0
5088
5089
30
25
V
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100
µA, IE = 0
5088
5089
35
30
V
V
ICBO
Collector Cutoff Current
VCB = 20 V, IE = 0
5088
VCB = 15 V, IE = 0
5089
50
50
nA
nA
IEBO
Emitter Cutoff Current
VEB = 3.0 V, IC = 0
VEB = 4.5 V, IC = 0
50
100
nA
nA
Spice Model
NPN (Is=5.911f Xti=3 Eg=1.11 Vaf=62.37 Bf=1.122K Ne=1.394 Ise=5.911f Ikf=14.92m Xtb=1.5 Br=1.271 Nc=2
Isc=0 Ikr=0 Rc=1.61 Cjc=4.017p Mjc=.3174 Vjc=.75 Fc=.5 Cje=4.973p Mje=.4146 Vje=.75 Tr=4.673n Tf=821.7p
Itf=.35 Vtf=4 Xtf=7 Rb=10)
fT
Current Gain - Bandwidth Product
IC = 500
µA,V
CE = 5.0 mA,
f = 20 MHz
50
MHz
Ccb
Collector-Base Capacitance
VCB = 5.0 V, IE = 0, f = 100 kHz
4.0
pF
Ceb
Emitter-Base Capacitance
VBE = 0.5 V, IC = 0, f = 100 kHz
10
pF
hfe
Small-Signal Current Gain
IC = 1.0 mA, VCE = 5.0 V, 5088
f = 1.0 kHz
5089
350
450
1400
1800
NF
Noise Figure
IC = 100
µA, V
CE = 5.0 V,
5088
RS = 10 k
Ω,
5089
f = 10 Hz to 15.7 kHz
3.0
2.0
dB
dB
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%


Similar Part No. - 2N5088

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5088 ONSEMI-2N5088 Datasheet
281Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 1
logo
Continental Device Indi...
2N5088 CDIL-2N5088 Datasheet
220Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTORS
logo
NXP Semiconductors
2N5088 PHILIPS-2N5088 Datasheet
49Kb / 8P
   NPN general purpose transistor
1997 Sep 03
logo
Foshan Blue Rocket Elec...
2N5088 FOSHAN-2N5088 Datasheet
908Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
Fairchild Semiconductor
2N5088 FAIRCHILD-2N5088 Datasheet
98Kb / 7P
   NPN General Purpose Amplifier
More results

Similar Description - 2N5088

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com