Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7623BSTZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7623BSTZ
Description  HDMI Transceiver with Fast Port Switching
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7623BSTZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7623BSTZ Datasheet HTML 3Page - Analog Devices ADV7623BSTZ Datasheet HTML 4Page - Analog Devices ADV7623BSTZ Datasheet HTML 5Page - Analog Devices ADV7623BSTZ Datasheet HTML 6Page - Analog Devices ADV7623BSTZ Datasheet HTML 7Page - Analog Devices ADV7623BSTZ Datasheet HTML 8Page - Analog Devices ADV7623BSTZ Datasheet HTML 9Page - Analog Devices ADV7623BSTZ Datasheet HTML 10Page - Analog Devices ADV7623BSTZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADV7623
Rev. D | Page 7 of 16
POWER SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLIES
Comparator Power Supply (CVDD)
1.71
1.8
1.89
V
Digital Core Power Supply (DVDD)
1.71
1.8
1.89
V
Digital I/O Power Supply (DVDDIO)
3.14
3.3
3.46
V
PLL Power Supply (PVDD)
1.71
1.8
1.89
V
Termination Power Supply (TVDD)
3.14
3.3
3.46
V
TX TMDS Output Power Supply (TXAVDD)
1.71
1.8
1.89
V
TX Power Supply (TXPVDD)
1.71
1.8
1.89
V
TX PLL Power Supply (TXPLVDD)
1.71
1.8
1.89
V
CURRENT CONSUMPTION1, 2, 3, 4
Comparator Power Supply (ICVDD)
481
545
mA
Four ports with 1080p 12-bit, Xpressview and OSD enabled
1.0
mA
Power-Down Mode 1
1.0
mA
Power-Down Mode 0
Digital Core Power Supply (IDVDD)
301
350
mA
Four ports with 1080p 12-bit, Xpressview and OSD enabled
9.0
mA
Power-Down Mode 1
6.7
mA
Power-Down Mode 0
Digital I/O Power Supply (IDVDDIO)
1.0
2.0
mA
Four ports with 1080p 12-bit, Xpressview and OSD enabled
3.4
mA
Power-Down Mode 1
3.3
mA
Power-Down Mode 0
PLL Power Supply (IPVDD)
34.0
39.6
mA
Four ports with 1080p 12-bit, Xpressview and OSD enabled
1.7
mA
Power-Down Mode 1
1.6
mA
Power-Down Mode 0
Termination Power Supply (ITVDD)
283
312
mA
Four ports with 1080p 12-bit, Xpressview and OSD enabled
0.4
mA
Power-Down Mode 1
0.4
mA
Power-Down Mode 0
TX TMDS Output Power Supply (ITXAVDD)
13.0
14.3
mA
Four ports with 1080p 12-bit, Xpressview and OSD enabled
0.5
mA
Power-Down Mode 1
0.3
mA
Power-Down Mode 0
TX Power Supply (ITXPVDD)
5.0
6.6
mA
Four ports with 1080p 12-bit, Xpressview and OSD enabled
2.8
mA
Power-Down Mode 1
2.8
mA
Power-Down Mode 0
TX PLL Power Supply (ITXPLVDD)
23.0
26.4
mA
Four ports with 1080p 12-bit, Xpressview and OSD enabled
1.6
mA
Power-Down Mode 1
1.6
mA
Power-Down Mode 0
1
All maximum current values are guaranteed by characterization to assist in power supply design.
2
Typical current consumption values are recorded with nominal voltage supply levels and at room temperature.
3
Maximum current consumption values are recorded with maximum rated voltage supply levels and at room temperature.
4
Termination power supply includes TVDD current consumed off chip.


Similar Part No. - ADV7623BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
More results

Similar Description - ADV7623BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7844 AD-ADV7844_12 Datasheet
401Kb / 32P
   Quad HDMI Fast Switching Receiver
ADV7622BSTZ AD-ADV7622BSTZ Datasheet
287Kb / 16P
   HDMI Transceiver
REV. D
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
   SINGLE PORT FAST ETHERNET TRANSCEIVER
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
Level One
HVE-9008 LVL1-HVE-9008 Datasheet
210Kb / 3P
   HDSpider 8-Port Cat.5 HDMI Sender with Local HDMI
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
   4-Port HDMI Signal Switch with Control
logo
Silicon image
SII9287B SILICONIMAGE-SII9287B Datasheet
429Kb / 8P
   HDMI Port Processor with InstaPort Viewing Technology
logo
IOGEAR
GHDSW4K4 IOGEAR-GHDSW4K4 Datasheet
161Kb / 3P
   4K 4-Port HDMI Switch with Remote
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com