Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2890ACP-RL Datasheet(PDF) 2 Page - Analog Devices

Part # ADN2890ACP-RL
Description  3.3 V 2.7 Gb/s Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2890ACP-RL Datasheet(HTML) 2 Page - Analog Devices

  ADN2890ACP-RL Datasheet HTML 1Page - Analog Devices ADN2890ACP-RL Datasheet HTML 2Page - Analog Devices ADN2890ACP-RL Datasheet HTML 3Page - Analog Devices ADN2890ACP-RL Datasheet HTML 4Page - Analog Devices ADN2890ACP-RL Datasheet HTML 5Page - Analog Devices ADN2890ACP-RL Datasheet HTML 6Page - Analog Devices ADN2890ACP-RL Datasheet HTML 7Page - Analog Devices ADN2890ACP-RL Datasheet HTML 8Page - Analog Devices ADN2890ACP-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADN2890
Rev. 0 | Page 2 of 12
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ........................................................................ 8
LIMAMP ....................................................................................... 8
Loss of Signal (LOS) Detector .....................................................8
Received Signal Strength Indicator (RSSI).................................8
Squelch Mode ................................................................................8
Applications Information .................................................................9
PCB Design Guidelines ................................................................9
Outline Dimensions ....................................................................... 11
Ordering Guide .......................................................................... 11
REVISION HISTORY
Revision 0: Initial Version


Similar Part No. - ADN2890ACP-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2890ACP-RL AD-ADN2890ACP-RL Datasheet
263Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2890ACP-RL7 AD-ADN2890ACP-RL7 Datasheet
263Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
More results

Similar Description - ADN2890ACP-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2890 AD-ADN2890_15 Datasheet
269Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. A
ADN2890 AD-ADN2890 Datasheet
263Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2892 AD-ADN2892 Datasheet
237Kb / 12P
   3.3 V 4.25 Gb/s Limiting Amplifier
Rev. PrA
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com