Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8804ANZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8804ANZ
Description  12 Channel, 8-Bit TrimDACs with Power Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8804ANZ Datasheet(HTML) 3 Page - Analog Devices

  AD8804ANZ Datasheet HTML 1Page - Analog Devices AD8804ANZ Datasheet HTML 2Page - Analog Devices AD8804ANZ Datasheet HTML 3Page - Analog Devices AD8804ANZ Datasheet HTML 4Page - Analog Devices AD8804ANZ Datasheet HTML 5Page - Analog Devices AD8804ANZ Datasheet HTML 6Page - Analog Devices AD8804ANZ Datasheet HTML 7Page - Analog Devices AD8804ANZ Datasheet HTML 8Page - Analog Devices AD8804ANZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8802/AD8804
REV. 0
–3–
ABSOLUTE MAXIMUM RATINGS
(TA = +25°C, unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3, + 8 V
VREFX to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V, VDD
Outputs (Ox) to GND . . . . . . . . . . . . . . . . . . . . . . . . 0 V, VDD
Digital Input Voltage to GND . . . . . . . . . . . . . . . . . 0 V, +8 V
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Maximum Junction Temperature (TJ MAX) . . . . . . . . +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300
°C
Package Power Dissipation . . . . . . . . . . . . (TJ MAX – TA)/θJA
Thermal Resistance
θ
JA,
SOIC (SOL-20) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
°C/W
P-DIP (N-20) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
°C/W
TSSOP-20 (RU-20) . . . . . . . . . . . . . . . . . . . . . . . . 155
°C/W
AD8802 PIN DESCRIPTIONS
Pin Name
Description
1VREF
Common DAC Reference Input
2
O1
DAC Output #1, addr = 00002
3
O2
DAC Output #2, addr = 00012
4
O3
DAC Output #3, addr = 00102
5
O4
DAC Output #4, addr = 00112
6
O5
DAC Output #5, addr = 01002
7
O6
DAC Output #6, addr = 01012
8
SHDN
Reference input current goes to zero. DAC
latch settings maintained
9
CS
Chip Select Input, Active Low. When CS
returns high, data in the serial input register is
decoded based on the address bits and loaded
into the target DAC register
10
GND
Ground
11
CLK
Serial Clock Input, Positive Edge Triggered
12
SDI
Serial Data Input
13
O7
DAC Output #7, addr = 01102
14
O8
DAC Output #8, addr = 01112
15
O9
DAC Output #9, addr = 10002
16
O10
DAC Output #10, addr = 10012
17
O11
DAC Output #11, addr = 10102
18
O12
DAC Output #12, addr = 10112
19
RS
Asynchronous Preset to Midscale Output
Setting. Loads all DAC Registers with 80H
20
VDD
Positive Power Supply, Specified for Operation
at Both +3 V and +5 V
PIN CONFIGURATIONS
14
13
12
11
17
16
15
20
19
18
9
8
1
2
3
4
7
6
5
10
O10
O11
O12
VDD
O7
O8
O9
VREFL
CLK
SDI
VREFH
O1
O2
O3
O4
O5
O6
SHDN
CS
GND
TOP VIEW
(Not to Scale)
AD8804
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
VREFH
O11
O12
RS
VDD
O1
O2
O3
AD8802
O8
O9
O10
O4
O5
O6
SHDN
CS
GND
CLK
SDI
O7
AD8804 PIN DESCRIPTIONS
Pin Name
Description
1VREFH
Common High-Side DAC Reference Input
2
O1
DAC Output #1, addr = 00002
3
O2
DAC Output #2, addr = 00012
4
O3
DAC Output #3, addr = 00102
5
O4
DAC Output #4, addr = 00112
6
O5
DAC Output #5, addr = 01002
7
O6
DAC Output #6, addr = 01012
8
SHDN
Reference input current goes to zero DAC latch
settings maintained
9
CS
Chip Select Input, Active Low. When CS returns
high, data in the serial input register is decoded
based on the address bits and loaded input the
target DAC register
10
GND
Ground
11
VREFL
Common Low-Side DAC Reference Input
12
CLK
Serial Clock Input, Positive Edge Triggered
13
SDI
Serial Data Input
14
O7
DAC Output #7, addr = 01102
15
O8
DAC Output #8, addr = 01112
16
O9
DAC Output #9, addr = 10002
17
O10
DAC Output #10, addr = 10012
18
O11
DAC Output #11, addr = 10102
19
O12
DAC Output #12, addr = 10112
20
VDD
Positive power supply, specified for operation at
both +3 V and +5 V
ORDERING GUIDE
Temperature
Package
Package
Model
FTN
Range
Description
Option
AD8802AN
RS
–40
°C/+85°C PDIP-20
N-20
AD8802AR
RS
–40
°C/+85°C SOL-20
R-20
AD8802ARU
RS
–40
°C/+85°C TSSOP-20
RU-20
AD8804AN
REFL
– 40
°C/+85°C PDIP-20
N-20
AD8804AR
REFL
– 40
°C/+85°C SOL-20
R-20
AD8804ARU
REFL
– 40
°C/+85°C TSSOP-20
RU-20
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although these devices feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.


Similar Part No. - AD8804ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8804AN AD-AD8804AN Datasheet
432Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804AN AD-AD8804AN Datasheet
339Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804AN AD-AD8804AN Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
More results

Similar Description - AD8804ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8804 AD-AD8804_15 Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802 AD-AD8802_15 Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802ARZ AD-AD8802ARZ Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802 AD-AD8802 Datasheet
432Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802ARZ AD-AD8802ARZ Datasheet
339Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404_15 Datasheet
339Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com