Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7841EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD7841EBZ
Description  Octal 14-Bit, Parallel Input, Voltage-Output DAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7841EBZ Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD7841EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
–3–
AD7841
(These characteristics are included for Design Guidance and are not subject
to production testing.)
AC PERFORMANCE CHARACTERISTICS
A & B
Parameter
Versions
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
31
µs typ
Full-Scale Change to
±1/2 LSB. DAC Latch Contents Alternately
Loaded with All 0s and All 1s
Slew Rate
0.7
V/
µs typ
Digital-to-Analog Glitch Impulse
230
nV-s typ
Measured with VREF(+) = +5 V, VREF(–) = –5 V. DAC Latch
Alternately Loaded with 1FFF Hex and 2000 Hex. Not Dependent
on Load Conditions
Channel-to-Channel Isolation
99
dB typ
See Terminology
DAC-to-DAC Crosstalk
40
nV-s typ
See Terminology
Digital Crosstalk
0.2
nV-s typ
Feedthrough to DAC Output Under Test Due to Change in Digital
Input Code to Another Converter
Digital Feedthrough
0.1
nV-s typ
Effect of Input Bus Activity on DAC Output Under Test
Output Noise Spectral Density
@ 1 kHz
200
nV/
√Hz typ
All 1s Loaded to DAC. VREF(+) = VREF(–) = 0 V
Specifications subject to change without notice.
TIMING SPECIFICATIONS1, 2
Parameter
Limit at TMIN, TMAX
Unit
Description
t1
15
ns min
Address to
WR Setup Time
t2
0
ns min
Address to
WR Hold Time
t3
50
ns min
CS Pulsewidth Low
t4
50
ns min
WR Pulsewidth Low
t5
0
ns min
CS to WR Setup Time
t6
0
ns min
WR to CS Hold Time
t7
20
ns min
Data Setup Time
t8
0
ns min
Data Hold Time
t9
31
µs typ
Settling Time
t10
300
ns max
CLR Pulse Activation Time
t11
50
ns min
LDAC Pulsewidth Low
NOTES
1All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2Rise and fall times should be no longer than 50 ns.
Specifications subject to change without notice.
t1
t2
t5
t6
t3
t4
t7
t8
t9
t10
t11
LDAC
CLR
WR
CS
A0, A1, A2
DATA
VOUT
VOUT
Figure 1. Timing Diagram
(VCC = 5 V
5%; VDD = 15 V
10%; VSS = –15 V
10%; GND = DUTGND = 0 V)
REV. B


Similar Part No. - EVAL-AD7841EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7843CB AD-EVAL-AD7843CB Datasheet
304Kb / 21P
   Touch Screen Digitizer
EVAL-AD7843CB3 AD-EVAL-AD7843CB3 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
EVAL-AD7843CB3 AD-EVAL-AD7843CB3 Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
More results

Similar Description - EVAL-AD7841EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841 Datasheet
167Kb / 12P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7841BSZ AD-AD7841BSZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839 Datasheet
153Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
logo
Wolfson Microelectronic...
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
   12-bit Parallel Input Voltage Output DAC
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com