Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT-10 Datasheet(PDF) 1 Page - Riedon Powertron

Part # VT-10
Description  Vitreous Enamel Wirewound Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

VT-10 Datasheet(HTML) 1 Page - Riedon Powertron

  VT-10 Datasheet HTML 1Page - Riedon Powertron VT-10 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
06/13
VT Series
• All Welded Construction
• Resistances from 0.1 to 100kOhms
• Tolerance to ±1%
• High Overload and Pulse Handling
• Power Rating to 14Watts
SPECIFICATIONS
Type
Power Rating
W @ 25°C
Maximum
Voltage
Resistance
Range
L
MAX
D
MAX
I
Nominal
d1
±0.003
[±0.08]
VT-3
3
100
0.1 to 10k
0.500 [12.7]
0.220 [5.6]
1.05 [26.5]
0.032 [0.8]
VT-5
5
160
0.1 to 20k
0.906 [23.0]
0.276 [7.0]
1.05 [26.5]
0.032 [0.8]
VT-7
7
200
0.1 to 22k
0.874 [22.2]
0.315 [8.0]
1.05 [26.5]
0.032 [0.8]
VT-10
10
500
0.1 to 68k
1.500 [38.1]
0.315 [8.0]
1.38 [35]
0.032 [0.8]
VT-14
14
750
0.1 to 100k
2.106 [53.5]
0.315 [8.0]
1.38 [35]
0.032 [0.8]
1
Lead Diameter: 20 AWG = 0.032”
Part Description: Part Type - Resistance - Tolerance
Example: VT-5 100 Ohm 1%
Vitreous Enamel Wirewound Resistors
Ordering Information


Similar Part No. - VT-10

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
VT-10 RIEDON-VT-10 Datasheet
281Kb / 2P
   Vitreous Enamel Wirewound Resistors
More results

Similar Description - VT-10

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
   Vitreous Enamel Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com