Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT-7 Datasheet(PDF) 2 Page - Riedon Powertron

Part # VT-7
Description  Vitreous Enamel Wirewound Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

VT-7 Datasheet(HTML) 2 Page - Riedon Powertron

  VT-7 Datasheet HTML 1Page - Riedon Powertron VT-7 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
06/13
Specification
Value
Tolerances
±1% / ±2% / ±5% / ±10%
Temperature Coefficient
Standard : +200ppm/K / Typical : +100ppm/K
Temperature Range
-55°C to +350°C
Dielectric Strength
1500 VAC
Constuction
Non-Flammable Enamel Coating
All welded terminations
Environmental Performance
(MIL-STD 202)
D
R
Dielectric
±1% + 0.05W
Load Life
±5% + 0.05W
Storage
±1% + 0.05W
Moisture Resistance
±5% + 0.05W
Thermal Shock
±1% + 0.05W
10X Overload ( 5s )
±1% + 0.05W
Shock
±1% + 0.05W
Vibration
±1% + 0.05W
SPECIFICATIONS (continued)
VT Series
Vitreous Enamel Wirewound Resistors
Power Derating Curve
0
20
40
60
80
100
0
25
75
125 175 225 275 325 350
Ambient Temperature (°C)


Similar Part No. - VT-7

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
VT-7 RIEDON-VT-7 Datasheet
281Kb / 2P
   Vitreous Enamel Wirewound Resistors
logo
Vectron International, ...
VT-700 VECTRON-VT-700 Datasheet
378Kb / 6P
   Temperature Compensated Crystal Oscillator
VT-700 VECTRON-VT-700_14 Datasheet
830Kb / 6P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTC1
VT-701 VECTRON-VT-701 Datasheet
214Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-701 VECTRON-VT-701 Datasheet
395Kb / 5P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTC2
More results

Similar Description - VT-7

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
   Vitreous Enamel Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com