Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSM-291B Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSM-291B
Description  0.28inch (7.0mm) Dual digit surface mount LED display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSM-291B Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDSM-291B Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSM-291B Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSM-291B Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSM-291B Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSM-291B Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSM-291B Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Intensity Bin Limit (mcd)
Blue
Iv Bin Category
Min
Max
L
3.401
5.400
M
5.401
8.600
N
8.601
13.700
Tolerance +/-15%
Note:
1. Bin categories are established for classification of products. Products
may not be available in all categories. Please contact your Avago
representative for information on currently available bins.
SMT Soldering Profile
Pb free reflow soldering Profile
Recommended soldering pattern (unit: mm)
250°C
TIME
6°C/SEC. MAX.
100 SEC. MAX.
60 - 120 SEC.
3°C/SEC. MAX.
3°C/SEC. MAX.
10 - 30 SEC.
150°C
200°C
217°C
(Acc. to J-STD-020C)
3
2.54 x 5 = 12.7
9
2
Recommended stencil window opening is 80%
Notes:
1. The peak temperature refers to the peak package body temperature.
2. Number of reflow process shall be limited to maximum 2 times only.
Cooling process to normal temperature is required between first and
second soldering process.


Similar Part No. - HDSM-291B

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSM-291B BOARDCOM-HDSM-291B Datasheet
476Kb / 10P
   0.28-in. (7.0-mm) Dual-Digit Surface-Mount LED Display
More results

Similar Description - HDSM-291B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-281B AVAGO-HDSM-281B Datasheet
161Kb / 6P
   0.28inch (7.0mm) Single digit surface mount LED display
HDSM-281C AVAGO-HDSM-281C Datasheet
216Kb / 9P
   0.28??(7.0mm) Single digit surface mount LED display
logo
BRIGHT LED ELECTRONICS ...
BD-F286RD BRIGHT-BD-F286RD Datasheet
144Kb / 3P
   0.28(7.0mm) DUAL DIGIT LED DISPLAY
BD-F284RD BRIGHT-BD-F284RD Datasheet
148Kb / 3P
   0.28"(7.0mm) DUAL DIGIT DISPLAY
BD-E284RD BRIGHT-BD-E284RD Datasheet
170Kb / 3P
   0.28"(7.0mm) DUAL DIGIT DISPLAY
logo
List of Unclassifed Man...
QBQ28IB1 ETC1-QBQ28IB1 Datasheet
303Kb / 5P
   0.28inch Four Digit Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-291X AVAGO-HDSM-291X Datasheet
217Kb / 9P
   Dual digit surface mount LED display
HDSM-541X AVAGO-HDSM-541X Datasheet
259Kb / 9P
   Dual digit surface mount LED display
HDSM-441X AVAGO-HDSM-441X Datasheet
290Kb / 9P
   Dual digit surface mount LED display
HDSM-443F AVAGO-HDSM-443F Datasheet
207Kb / 9P
   0.39??(10.0mm) Dual digit surface mount LED display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com