Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH4201PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFH4201PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4201PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFH4201PBF Datasheet HTML 1Page - International Rectifier IRFH4201PBF Datasheet HTML 2Page - International Rectifier IRFH4201PBF Datasheet HTML 3Page - International Rectifier IRFH4201PBF Datasheet HTML 4Page - International Rectifier IRFH4201PBF Datasheet HTML 5Page - International Rectifier IRFH4201PBF Datasheet HTML 6Page - International Rectifier IRFH4201PBF Datasheet HTML 7Page - International Rectifier IRFH4201PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 
IRFH4201PbF
2
www.irf.com
© 2013 International Rectifier
May 20, 2013
D
S
G
Static @ TJ = 25°C (unless otherwise specified)
  
 
 
Parameter
Min.
Typ.
Max.
Units
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
25
–––
–––
V
VGS = 0V, ID = 250µA
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
–––
20
–––
mV/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
0.70
0.95
m
 VGS = 10V, ID = 50A 
–––
0.97
1.25
VGS = 4.5V, ID = 50A 
VGS(th)
Gate Threshold Voltage
1.1
1.6
2.1
V
VDS = VGS, ID = 150µA
V
GS(th)
Gate Threshold Voltage Coefficient
–––
-5.9
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS = 20V, VGS = 0V
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
gfs
Forward Transconductance
175
–––
–––
S
VDS = 13V, ID = 50A
Qg
Total Gate Charge
–––
94.0
–––
nC
VGS = 10V, VDS = 13V, ID = 50A
Qg
Total Gate Charge
–––
46.0
69.0
Qgs1
Pre-Vth Gate-to-Source Charge
–––
11.0
–––
 
VDS = 13V
Qgs2
Post-Vth Gate-to-Source Charge
–––
6.4
–––
nC
VGS = 4.5V
Qgd
Gate-to-Drain Charge
–––
16.0
–––
 
ID = 50A
Qgodr
Gate Charge Overdrive
–––
12.6
–––
 
Qsw
Switch Charge (Qgs2 + Qgd)
–––
22.4
–––
 
Qoss
Output Charge
–––
46.0
–––
nC
VDS = 16V, VGS = 0V
RG
Gate Resistance
–––
0.9
2.7
 
td(on)
Turn-On Delay Time
–––
20
–––
VDD = 13V, VGS = 4.5V
tr
Rise Time
–––
43
–––
ns
ID = 50A
td(off)
Turn-Off Delay Time
–––
24
–––
 
RG=1.8
tf
Fall Time
–––
19
–––
 
Ciss
Input Capacitance
–––
6100
–––
VGS = 0V
Coss
Output Capacitance
–––
1700
–––
pF
VDS = 13V
Crss
Reverse Transfer Capacitance
–––
450
–––
 
ƒ = 1.0MHz
Avalanche Characteristics
  
 
 
Parameter
Typ.
Max.
EAS
Single Pulse Avalanche Energy
–––
478
IAR
Avalanche Current
–––
50
Diode Characteristics
  
 
 
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
–––
–––
100
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
400
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.0
V
TJ = 25°C, IS = 50A, VGS = 0V 
trr
Reverse Recovery Time
–––
31
47
ns
TJ = 25°C, IF = 50A, VDD = 13V
Qrr
Reverse Recovery Charge
–––
84
126
nC
di/dt = 400A/µs
  
 
Parameter
Typ.
Max.
Units
RJC (Bottom) Junction-to-Case 
–––
0.8
RJC (Top)
Junction-to-Case
–––
18
°C/W
RJA
Junction-to-Ambient
–––
36
RJA (<10s)
Junction-to-Ambient
–––
22
Thermal Resistance


Similar Part No. - IRFH4201PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH4201PBF IRF-IRFH4201PBF Datasheet
491Kb / 9P
   Synchronous Rectifier MOSFET for Sync Buck Converters
logo
Infineon Technologies A...
IRFH4201PBF INFINEON-IRFH4201PBF Datasheet
549Kb / 10P
   Synchronous Rectifier MOSFET for Sync Buck Converters
2017-01-24
logo
International Rectifier
IRFH4201PBF IRF-IRFH4201PBF_15 Datasheet
491Kb / 9P
   Synchronous Rectifier MOSFET for Sync Buck Converters
More results

Similar Description - IRFH4201PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com