Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMS-2819 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2819
Description  High Performance CMOS 5x7 AlphaNumeric InGaN Blue Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2819 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCMS-2819 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Recommend Operating Conditions Over Temperature Range (-40°C to +85°C)
Parameter
Symbol
Min.
Max.
Units
Logic Supply Voltage [1]
VLOGIC
3.0
5.5
V
LED Supply Voltage [1]
VLED
4.5
5.5
V
GNDLED to GNDLOGIC
-
-0.3
+0.3
V
Notes:
For further description, see Appendix B, Electrical Considerations, “VLOGIC and VLED Considerations”.
Electrical Characteristics Over Operating Temperature Range (-40°C to +85°C)
Parameter
Symbol
TA = 25°C,
VLOGIC = 5.0V
-40°C< TA<85°C
3.0V<VLOGIC<5.5V
Units
Test Conditions
Typ
Max
Typ
Max
Input Leakage Current
II
+15
-5.0
+100
PA
VIN = 0 TO VLOGIC
ILOGIC
OPERATING
ILOGIC (OPT)
0.8
5
10
mA
VIN = VLOGIC
ILOGICSLEEP [1]
ILOGIC (SLP)
10
30
50
PA
VIN = VLOGIC
ILEDBLANK
ILED (BL)
4.0
8.0
8.0
mA
BL = 0 V
ILEDSLEEP [1]
ILED (SLP)
15.0
50
100
PA
Peak Pixel
Current [2]
IPIXEL
14.0
20
23
mA
VLED = 5.5 V All pixels
ON,Average value per pixel
HIGH level
input voltage
Vih
2.0
V
4.5V<VLOGIC<5.5V
0.8 VLOGIC
3.0V<VLOGIC<4.5V
LOW level
input voltage
Vil
0.8
V
4.5V<VLOGIC<5.5V
0.2 VLOGIC
3.0V<VLOGIC<4.5V
HIGH level
output voltage
Voh
2.0
V
VLOGIC = 4.5V, Ioh = -40μA
0.8 VLOGIC
3.0V<VLOGIC<4.5V
LOW level
output voltage
Vol
0.4
V
VLOGIC = 4.5V, Ioh = -40μA
0.2 VLOGIC
3.0V<VLOGIC<4.5V
Thermal Resistance
R
TJ-P
70
°C/W
IC junction to pin
Notes:
1. In SLEEP mode, the internal oscillator and reference current for LED drivers are off.
2. Average peak pixel current is measured at the maximum drive current set by Control Register 0. Individual pixels may exceed this value.
Optical Characteristics at 25 ± 1 °C [1]
VLED = 5.0V, 100% Peak Current, 100% Pulse Width
Display Color
Luminous Intensity per LED [2]
Character Average (μcd)
Peak
Wavelength
OPeak (nm) Typ.
Dominant
Wavelength
Od [3] (nm) Typ.
Min
Typical
Blue
29
170
456
460
Notes:
1. Refers to the initial case temperature of the device immediately prior to measurement.
2. Measured with all LEDs illuminated in a digit.
3. Dominant wavelength, ld, is derived from the CIE Chromaticity diagram and represents the single wavelength which defines the perceived LED
color.


Similar Part No. - HCMS-2819

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-235 HP-HCMS-235 Datasheet
83Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
HCMS-2351 HP-HCMS-2351 Datasheet
83Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
HCMS-2353 HP-HCMS-2353 Datasheet
83Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
HCMS-235X HP-HCMS-235X Datasheet
83Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-235X AVAGO-HCMS-235X Datasheet
141Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
More results

Similar Description - HCMS-2819

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2919 AVAGO-HCMS-2919 Datasheet
139Kb / 14P
   High Performance CMOS 5x7 AlphaNumeric GaN Blue Display
logo
Broadcom Corporation.
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-39XX AVAGO-HCMS-39XX Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
logo
Siemens Semiconductor G...
DLR5735 SIEMENS-DLR5735 Datasheet
47Kb / 2P
   17.5 mm Single Character 5x7 Dot Matrix Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com