Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT150A Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # CT150A
Description  Current Transformers - Indoor Toroidal CT Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

CT150A Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  CT150A Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
108
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Current Transformers - Indoor Toroidal (CT Series)
SMALL CURRENT TRANSFORMERS
Toroidal design.
Supplied with 24" insulated secondary leads, terminated with crimped ring connectors.
Suitable for use with bare (uninsulated) primary conductor in circuits up to 600 V (4 KV Hi pot); or at higher voltages
when a suitably insulated conductor is used.
All units have 5 A secondary for use with standard AC ammeters with 5 A movements.
Two hole mounting bracket on all models.
Part No.
Current
Ratio
Pri./Sec.
Accuracy
%
Burden
VA
Dimensions (Inches)
Mtg.
Slots
Ship
Wt.
Lb.
A
B
C
D
E
F
G
H
CT50A
50:5
3.2
2
3.75 1.75 3.25 3.00 0.87 2.87 .22
.37
1.3
CT60A
60:5
2.4
2
3.75 1.75 3.25 3.00 0.87 2.87 .22
.37
1.4
CT75A
75:5
2.0
2
3.75 1.75 3.25 3.00 0.87 2.87 .22
.37
1.5
CT100A
100:5
2.0
2
3.75 1.75 3.25 3.00 1.20 2.87 .22
.37
1.1
CT150A
150:5
1.2
2
3.75 1.75 3.25 3.00 1.20 2.87 .22
.37
1.4
CT200A
200:5
1.2
2
4.75 1.75 4.25 4.00 2.20 3.87 .22
.37
1.7
CT250A
250:5
0.6
2
4.75 1.75 4.25 4.00 2.20 3.87 .22
.37
1.7
1.2
5
CT300A
300:5
0.6
2
4.75 1.75 4.25 4.00 2.20 3.87 .22
.37
1.8
1.2
10
CT400A
400:5
0.6
2
4.75 1.75 4.25 4.00 2.20 3.87 .22
.37
1.8
1.2
10
CT500A
500:5
0.3
2
4.75 1.75 4.25 4.00 2.20 3.87 .22
.37
1.8
1.2
20
CT600A
600:5
0.3
2
6.00 1.75 5.25 5.25 3.50 5.12 .28
.37
2.5
1.2
20
CT800A
800:5
0.3
5
6.00 1.75 5.25 5.25 3.50 5.12 .28
.37
2.8
1.2
50
CT1000A
1000:5
0.3
5
7.00 1.75 6.25 6.25 4.50 6.12 .28
.37
3.3
1.2
50
CT1200A
1200:5
0.3
10
8.00 1.75 7.25 7.25 5.50 7.12 .28
.37
3.8
1.2
50
G x H


Similar Part No. - CT150A

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CT150-2-JN1-B JAE-CT150-2-JN1-B Datasheet
339Kb / 23P
   Outdoor Use Waterproof I/O Connectors
CT150-2-JN1-D JAE-CT150-2-JN1-D Datasheet
339Kb / 23P
   Outdoor Use Waterproof I/O Connectors
CT150-2-JN1-E JAE-CT150-2-JN1-E Datasheet
339Kb / 23P
   Outdoor Use Waterproof I/O Connectors
CT150-2-MX34 JAE-CT150-2-MX34 Datasheet
147Kb / 2P
   Transportation
CT150-4C-FIX JAE-CT150-4C-FIX Datasheet
312Kb / 8P
   Contact Spacing, Connector for PCB-to-Cable
More results

Similar Description - CT150A

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
SRT30 ECM-SRT30 Datasheet
391Kb / 1P
   Toroidal Transformers
logo
Kemet Corporation
SE0203-CT KEMET-SE0203-CT Datasheet
297Kb / 5P
   CT Series Low Current AC
CT-06-75 KEMET-CT-06-75 Datasheet
68Kb / 1P
   KEMET, CT, Current, Round - Toroidal, AC, Overcurrent/Currect Detection, High Sensitivity, High Performance
logo
Myrra
74540 MYRRA-74540 Datasheet
87Kb / 1P
   CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
   CURRENT TRANSFORMERS
74520 MYRRA-74520 Datasheet
100Kb / 1P
   CURRENT TRANSFORMERS
74500 MYRRA-74500 Datasheet
84Kb / 1P
   CURRENT TRANSFORMERS
74560 MYRRA-74560 Datasheet
108Kb / 1P
   CURRENT TRANSFORMERS
74550 MYRRA-74550 Datasheet
97Kb / 1P
   CURRENT TRANSFORMERS
74570 MYRRA-74570 Datasheet
97Kb / 1P
   CURRENT TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com