Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFIC1805 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MRFIC1805
Description  1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1805 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MRFIC1805 Datasheet HTML 2Page - Motorola, Inc MRFIC1805 Datasheet HTML 3Page - Motorola, Inc MRFIC1805 Datasheet HTML 4Page - Motorola, Inc MRFIC1805 Datasheet HTML 5Page - Motorola, Inc MRFIC1805 Datasheet HTML 6Page - Motorola, Inc MRFIC1805 Datasheet HTML 7Page - Motorola, Inc MRFIC1805 Datasheet HTML 8Page - Motorola, Inc MRFIC1805 Datasheet HTML 9Page - Motorola, Inc MRFIC1805 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
MRFIC1805
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 948C–03
ISSUE B
A
B
PIN 1
IDENTIFICATION
L
18
9
16
D
C
SEATING
G
H
F
M
DIM
A
MIN
MAX
MIN
MAX
INCHES
–––
5.10
–––
0.200
MILLIMETERS
B
4.30
4.50
0.169
0.177
C
–––
1.20
–––
0047
D
0.05
0.25
0.002
0.010
F
0.45
0.55
0.018
0.022
G
0.65 BSC
0.026 BSC
H
0.22
0.23
0.009
0.010
J
0.09
0.24
0.004
0.009
K
0.16
0.32
0.006
0.013
L
6.30
6.50
0.248
0.256
M
0
10
0
10
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: MILLIMETER.
3.
DIMENSION A DOES NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS. MOLD
FLASH OR GATE BURRS SHALL NOT EXCEED
0.15 (0.006) PER SIDE.
4.
DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL NOT
EXCEED 0.25 (0.010) PER SIDE.
5.
DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
6.
TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7.
DIMENSIONS A AND B ARE TO BE
DETERMINED AT DATUM PLANE –U–.
°°
°°
J1
0.09
0.18
0.004
0.007
K1
0.16
0.26
0.006
0.010
K
K1
J
J1
SECTION A–A
A
A
16x
REF
K
0.100 (0.004) M
-T-
0.200 (0.008) M T
-U-
-P-
PLANE


Similar Part No. - MRFIC1805

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1801 MOTOROLA-MRFIC1801 Datasheet
68Kb / 4P
   1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1803 MOTOROLA-MRFIC1803 Datasheet
119Kb / 6P
   1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC1805

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2404 MOTOROLA-MRFIC2404 Datasheet
79Kb / 6P
   2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1808 MOTOROLA-MRFIC1808 Datasheet
158Kb / 8P
   1.9 GHz GaAs LOW NOISE AMPLIFIER
MRFIC2406 MOTOROLA-MRFIC2406 Datasheet
66Kb / 4P
   2.4 GHz INTEGRATED UPMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2401 MOTOROLA-MRFIC2401 Datasheet
138Kb / 8P
   2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
National Semiconductor ...
LMX2119 NSC-LMX2119 Datasheet
122Kb / 6P
   1.9 GHz Power Amplifier
logo
Motorola, Inc
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com