Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS16143 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # CS16143
Description  Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

CS16143 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  CS16143 Datasheet HTML 1Page - Hammond Manufacturing Ltd. CS16143 Datasheet HTML 2Page - Hammond Manufacturing Ltd. CS16143 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS443
4.00
4.00
3.00
2.00
3.00
0.88 0.50
0.28
2
CS663
6.00
6.00
3.00
3.00
5.00
1.50 0.50
0.28
3
CS863
8.00
6.00
3.00
5.00
5.00
1.50 0.50
0.28
3
CS16143
16.00
14.00
3.00
13.00
13.00
1.50 0.50
0.28
12
CS18143
18.00
14.00
3.00
15.00
13.00
1.50 0.50
0.28
13
CS20143
20.00
14.00
3.00
17.00
13.00
1.50 0.50
0.28
13
CS444
4.00
4.00
4.00
2.00
3.00
0.88 0.50
0.28
2
CS644
6.00
4.00
4.00
3.00
3.00
1.50 0.50
0.28
3
CS664
6.00
6.00
4.00
3.00
5.00
1.50 0.50
0.28
3
CS864
8.00
6.00
4.00
5.00
5.00
1.50 0.50
0.28
5
CS884
8.00
8.00
4.00
5.00
7.00
1.50 0.50
0.28
5
CS1084
10.00
8.00
4.00
7.00
7.00
1.50 0.50
0.28
6
CS10104
10.00
10.00
4.00
7.00
9.00
1.50 0.50
0.28
6
CS1284
12.00
8.00
4.00
9.00
7.00
1.50 0.50
0.28
7
CS12104
12.00
10.00
4.00
9.00
9.00
1.50 0.50
0.28
8
CS12124
12.00
12.00
4.00
9.00
11.00
1.50 0.50
0.28
9
CS16124
16.00
12.00
4.00
13.00
11.00
1.50 0.50
0.28
12
CS18124
18.00
12.00
4.00
15.00
11.00
1.50 0.50
0.28
12
CS18184
18.00
18.00
4.00
15.00
17.00
1.50 0.50
0.28
16
CS24244
24.00
24.00
4.00
21.00
23.00
1.50 0.50
0.28
33
CS666
6.00
6.00
6.00
3.00
5.00
1.50 0.50
0.28
4
CS886
8.00
8.00
6.00
5.00
7.00
1.50 0.50
0.28
6
CS1086
10.00
8.00
6.00
7.00
7.00
1.50 0.50
0.28
7
CS10106
10.00
10.00
6.00
7.00
9.00
1.50 0.50
0.28
8
CS12106
12.00
10.00
6.00
9.00
9.00
1.50 0.50
0.28
8
CS12126
12.00
12.00
6.00
9.00
11.00
1.50 0.50
0.28
9
CS16126
16.00
12.00
6.00
13.00
11.00
1.50 0.50
0.28
13
CS16166
16.00
16.00
6.00
13.00
15.00
1.50 0.50
0.28
16
CS18126
18.00
12.00
6.00
15.00
11.00
1.50 0.50
0.28
14
CS18186
18.00
18.00
6.00
15.00
17.00
1.50 0.50
0.28
19
CS24186
24.00
18.00
6.00
21.00
17.00
1.50 0.50
0.28
26
CS24246
24.00
24.00
6.00
21.00
22.50
1.50 0.75
0.44
37
CS30246
30.00
24.00
6.00
27.00
22.50
1.50 0.75
0.44
45
CS36246
36.00
24.00
6.00
33.00
22.50
1.50 0.75
0.44
57
CS36366
36.00
36.00
6.00
33.00
34.50
1.50 0.75
0.44
70
CS12128
12.00
12.00
8.00
9.00
11.00
1.50 0.50
0.28
12
CS16168
16.00
16.00
8.00
13.00
15.00
1.50 0.50
0.28
18
CS18188
18.00
18.00
8.00
15.00
17.00
1.50 0.50
0.28
21
CS24248
24.00
24.00
8.00
21.00
22.50
1.50 0.75
0.44
42
CS36248
36.00
24.00
8.00
33.00
22.50
1.50 0.75
0.44
65
CS202010
20.00
20.00
10.00
17.00
19.00
1.50 0.75
0.44
35
CS242410
24.00
24.00
10.00
21.00
22.50
1.50 0.50
0.28
49
CS302010
30.00
20.00
10.00
27.00
18.50
1.50 0.75
0.44
55
CS362410
36.00
24.00
10.00
33.00
22.50
1.50 0.75
0.44
70
CS363612
36.00
36.00
12.00
33.00
34.50
1.50 0.75
0.44
88
Data subject to change without notice.
© 2013. Hammond Manufacturing Ltd. All rights reserved.


Similar Part No. - CS16143

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
   TRIAC Dimmable LED Driver IC
logo
Transko Electronics, In...
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
   MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
logo
Ledil, Inc.
CS16102 LEDIL-CS16102 Datasheet
3Mb / 6P
   IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
CS16104 LEDIL-CS16104 Datasheet
3Mb / 6P
   IESNA Type III (medium) beam
More results

Similar Description - CS16143

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1414A HAMMOND-1414A Datasheet
167Kb / 1P
   Type 12 Mild Steel Junction Box 1414 Series
1420B7 HAMMOND-1420B7 Datasheet
147Kb / 3P
   Type 1 Mild Steel Wallmount Enclosure 1420 Series Hinge Door With Quarter Turn and W Mounting Flange
logo
List of Unclassifed Man...
E16PBG ETC2-E16PBG Datasheet
607Kb / 2P
   77SC66p33e..c4422-0220..22362510710 Mild Steel
logo
Schneider Electric
TSXCANTDM4 SCHNEIDER-TSXCANTDM4 Datasheet
159Kb / 2P
   IP20 CANopen tap junction box - 1 screw terminal block and 4 SUB-D9
May 2, 2022
logo
List of Unclassifed Man...
A10086SC ETC2-A10086SC Datasheet
621Kb / 2P
   Screw Cover, Type 12
logo
Molex Electronics Ltd.
0910090022 MOLEX11-0910090022 Datasheet
226Kb / 3P
   Junction Box, ISO, Right Angle, without Fuse
logo
Schneider Electric
VW3CANTAP2 SCHNEIDER-VW3CANTAP2 Datasheet
108Kb / 2P
   CANopen junction box - 2 x RJ45 and 1 x RJ45
May 2, 2022
logo
FIBOX Enclosing innovat...
7028005 FIBOX-7028005 Datasheet
47Kb / 1P
   Cover screw
11.08.2023
7010635 FIBOX-7010635 Datasheet
42Kb / 1P
   Cover screw
02.08.2023
7010425 FIBOX-7010425 Datasheet
42Kb / 1P
   Cover screw
02.08.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com