Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT34C02VP2I-G4 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT34C02VP2I-G4
Description  2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34C02VP2I-G4 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT34C02VP2I-G4 Datasheet HTML 1Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 2Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 3Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 4Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 5Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 6Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 7Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 8Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2011
March, 2011 − Rev. 17
1
Publication Order Number:
CAT34C02/D
CAT34C02
2 kb I2C EEPROM for DDR2
DIMM Serial Presence
Detect
Description
The CAT34C02 is a 2 kb Serial CMOS EEPROM, internally
organized as 16 pages of 16 bytes each, for a total of 256 bytes of 8 bits
each.
It features a 16−byte page write buffer and supports both the
Standard (100 kHz) as well as Fast (400 kHz) I2C protocol.
Write operations can be inhibited by taking the WP pin High (this
protects the entire memory) or by setting an internal Write Protect flag
via Software command (this protects the lower half of the memory).
In addition to Permanent Software Write Protection, the
CAT34C02 also features JEDEC compatible Reversible Software
Write Protection for DDR2 Serial Presence Detect (SPD)
applications operating over the 1.7 V to 3.6 V supply voltage range.
The CAT34C02 is fully backwards compatible with earlier
DDR1 SPD applications operating over the 1.7 V to 5.5 V supply
voltage range.
Features
Supports Standard and Fast I2C Protocol
1.7 V to 5.5 V Supply Voltage Range
16−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Software Write Protection for Lower 128 Bytes
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial Temperature Range
This Device is Pb−Free, Halogen Free/BFR Free and RoHS
Compliant*
Figure 1. Functional Symbol
SDA
SCL
WP
CAT34C02
VCC
VSS
A2, A1, A0
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
PIN CONFIGURATION
SDA
WP
VCC
VSS
A2
A1
A0
1
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
SCL
TSSOP (Y), TDFN (VP2),
UDFN (HU3), UDFN (HU4)
UDFN−8
HU3 SUFFIX
CASE 517AX
TSSOP−8
Y SUFFIX
CASE 948AL
Device Address Input
A0, A1, A2
Serial Data Input/Output
SDA
Serial Clock Input
SCL
Write Protect Input
WP
Power Supply
VCC
Ground
VSS
Function
Pin Name
PIN FUNCTION
For the location of Pin 1, please consult the
corresponding package drawing.
TDFN−8
VP2 SUFFIX
CASE 511AK
UDFN−8 EP
HU4 SUFFIX
CASE 517AZ


Similar Part No. - CAT34C02VP2I-G4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34C02VP2I-GT4 ONSEMI-CAT34C02VP2I-GT4 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2I-GT4 ONSEMI-CAT34C02VP2I-GT4 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
CAT34C02VP2I-GT4A ONSEMI-CAT34C02VP2I-GT4A Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2I-GT5 ONSEMI-CAT34C02VP2I-GT5 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2I-GT5A ONSEMI-CAT34C02VP2I-GT5A Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
More results

Similar Description - CAT34C02VP2I-G4

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_18 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com