Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1593ATS100 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1593ATS100
Description  Puchased assembly includes top and bottom cover, front and rear plastic panels 2types-flat and contoured and 2 cover screws
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1593ATS100 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1593ATS100 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1593D BK
1593D GY
1593QS100 (Silver)
1593QS100BK (Black)
1593ATS50 (Pkg 50)
1593ATS100 (Pkg 100)
1599CLIP (Black)
1599C LIPGY (Grey)
1593D IR 10
Cover Screws (Pkg 100)
[#4 x 3/4" s elf-tapping oval head (19.1m m )]
P.C . Board Screw s
[#4 x 1/4" s elf-tapping (6.4m m )]
Belt or Pocket C lip
Infared Panels (Pkg 10)
1593D Enclosure
ACCESSORIES
Black Enclos ure
Grey Enclos ure
NOTE
Enclos ure m olded from GP ABS (U L94-H B) plas tic.
Purchas ed as s em bly includes top and bottom cover, front and rear
plas tic panels (2 types - flat and contoured) and 2 cover s crew s .
PART NUMBERS
1
1
2
2
A
A
B
B
B
B
A
A
Hand Held Instrument (1593D)
SECTION A-A
(Side View Inside Assembly)
End View of Assembly
Front/Rear Panel
(Dashed Line Indicates Viewing Area)
Maximum P.C. Board Size
SECTION B-B
(Inside of Bottom Cover)
25.80
[1.016]
26.59
[1.047]
(Viewing Area)
18.55
[.730]
(Viewing Area)
29.00
[1.142]
20.00
[.787]
1.70
[.067]
58.69
[2.311]
19.00
[.748]
25.98
[1.023]
105.80
[4.165]
23.55
[.927]
3.49
[.137]
n3.20
[.126]
x 4
20.29
[.799]
6.53
[.257]
6.76
[.266]
.50
[.020]
(PCB dist from
end panel)
2.20
[.086]
(PCB dist from inner wall)
106.80
[4.205]
(Inner Box Length)
30.37
[1.196]
(Inner Box Width)
End Panel
P.C. Board Aligned on Bosses
Top View of Assembly
23.90
[.941]
(Inlay Width)
100.70
[3.965]
(Inlay Length)
35.70
[1.406]
114.00
[4.488]
Bottom Cover
.50
[.020]
(Inlay Depth)
P.C. Board
19.80
[.780]
(Inner Box Height)
5.60
[.220]
n
(Top Assem Boss
n)
5.60
[.220]
n
(Bottom Assem Boss
n)
58.69
[2.311]
4.90
[.193]
n
3.75
[.148]
Detail View of PCB Boss
(Located on Top and Bottom Cover)
Top Cover
End Panel
P.C. Board
(Not Supplied)
1593D
29.35
[1.155]
29.35
[1.155]
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Solid models of this enclosure available in STEP or IGES.
Contact Factory
mjm@hammondmfg.com


Similar Part No. - 1593ATS100

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1593ATS100 HAMMOND-1593ATS100 Datasheet
265Kb / 1P
   Enclosure molded from GP ABS (UL94-HB) plastic.
1593ATS100 HAMMOND-1593ATS100 Datasheet
474Kb / 1P
   Purchas ed as sembly includes top and bottom cover, and 4 cover screws .
1593ATS100 HAMMOND-1593ATS100 Datasheet
376Kb / 1P
   Purchased assembly includes top and bottom cover, and 4 cover screws.
1593ATS100 HAMMOND-1593ATS100 Datasheet
355Kb / 1P
   Enclosure m olded from GP ABS (UL94-HB) plastic.
logo
BusBoard Prototype Syst...
1593ATS100 BUSBOARD-1593ATS100 Datasheet
1Mb / 5P
   A Hammond 1553B soft-side plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
More results

Similar Description - 1593ATS100

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1553AA HAMMOND-1553AA Datasheet
376Kb / 1P
   Purchased assembly includes top and bottom cover, and 4 cover screws.
1553A HAMMOND-1553A Datasheet
474Kb / 1P
   Purchas ed as sembly includes top and bottom cover, and 4 cover screws .
1598A HAMMOND-1598A Datasheet
365Kb / 1P
   Purchased Assembly includes top and bottom cover, front and aluminum panels alloy 5052-H32, SPV coating on one side, 2 cover screws, and 4 rubber feet
1590GBK HAMMOND-1590GBK Datasheet
137Kb / 1P
   Purchased assembly includes box, lid and 4 cover screws.
1590FBK HAMMOND-1590FBK Datasheet
133Kb / 1P
   Purchased assembly includes box, lid and 4 cover screws.
1551M HAMMOND-1551M Datasheet
298Kb / 1P
   Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551NFL HAMMOND-1551NFL Datasheet
296Kb / 1P
   Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551G HAMMOND-1551G Datasheet
295Kb / 1P
   Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551QFL HAMMOND-1551QFL Datasheet
300Kb / 1P
   Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551MFL HAMMOND-1551MFL Datasheet
299Kb / 1P
   Purchased assembly includes lid and box made from GP ABS material and cover screws.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com