Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3604 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver TQFN-16 HV4 SUFFIX
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT3604 Datasheet HTML 1Page - ON Semiconductor CAT3604 Datasheet HTML 2Page - ON Semiconductor CAT3604 Datasheet HTML 3Page - ON Semiconductor CAT3604 Datasheet HTML 4Page - ON Semiconductor CAT3604 Datasheet HTML 5Page - ON Semiconductor CAT3604 Datasheet HTML 6Page - ON Semiconductor CAT3604 Datasheet HTML 7Page - ON Semiconductor CAT3604 Datasheet HTML 8Page - ON Semiconductor CAT3604 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT3604
http://onsemi.com
5
Basic Operation
At power-up, the CAT3604 starts operation in 1x mode. If
it is able to drive the programmed LED current, it continues
in 1x mode. If the battery voltage drops to a level where the
LED current cannot be met, the driver automatically
switches into 1.5x mode. The 1.5x charge pump will boost
the output voltage accordingly to achieve the nominal LED
current.
The operating mode is reinitialized each and every time
the chip is powered up or is taken out of shutdown mode (via
EN pin). The use of the control pins (CTR0, CTR1, CTR2)
does not reconfigure the mode of operation.
LED Current Setting
The LED current is set by the external resistor RSET
connected between the RSET pin and ground. Table 5 lists
various LED currents and the associated RSET resistor value
for standard 1% precision surface mount resistors.
The digital control lines CTR0, CTR1 and CTR2 allow to
turn On or Off a combition of LEDs as shown in Table 6.
Short Circuit Detect/Disables
The unused LED channels can also be turned off by
connecting the respective LED pins to VOUT. In which
case, the corresponding LED driver is disabled and the
typical LED sink current is only about 20
mA. When the
following equation is true on any channel, the driver turns
off the LED channel:
VOUT * VLED v 1 V (LED channel OFF)
Note: The CAT3604 is designed to drive LEDs with forward
voltage greater than 1 V and is not compatible with resistive
loads.
Table 5. RSET Resistor Selection
LED Current (mA)
RSET (kW)
1
649
2
287
5
102
10
49.9
15
32.4
20
23.7
30
15.4
Table 6. LED Selection
Control Lines
LED Outputs
CTR2
CTR1
CTR0
LED4
LED3
LED2
LED1
0
0
0
ON
0
0
1
ON
0
1
0
ON
0
1
1
ON
1
0
0
ON
ON
1
0
1
ON
ON
ON
1
1
0
ON
ON
ON
ON
1
1
1
NOTE: 1 = logic high (or VIN)
0 = logic low (or GND)
– = LED output OFF


Similar Part No. - CAT3604

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
CAT3604 CATALYST-CAT3604 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
411Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604 ONSEMI-CAT3604 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
logo
Catalyst Semiconductor
CAT3604-A CATALYST-CAT3604-A Datasheet
867Kb / 28P
   Catalyst Semiconductor
More results

Similar Description - CAT3604

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604_08 Datasheet
411Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
logo
Power Analog Micoelectr...
PAM2701 PAM-PAM2701 Datasheet
387Kb / 14P
   4-Channel Regulated Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
229Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
   4-Channel Regulated Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
Exar Corporation
SP6887 EXAR-SP6887 Datasheet
745Kb / 10P
   4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com