Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C66 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT93C66
Description  4 kb Microwire Serial CMOS EEPROM Self?뭪imed Write Cycle with Auto?뭖lear
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C66 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT93C66 Datasheet HTML 2Page - ON Semiconductor CAT93C66 Datasheet HTML 3Page - ON Semiconductor CAT93C66 Datasheet HTML 4Page - ON Semiconductor CAT93C66 Datasheet HTML 5Page - ON Semiconductor CAT93C66 Datasheet HTML 6Page - ON Semiconductor CAT93C66 Datasheet HTML 7Page - ON Semiconductor CAT93C66 Datasheet HTML 8Page - ON Semiconductor CAT93C66 Datasheet HTML 9Page - ON Semiconductor CAT93C66 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CAT93C66, CAT93W66
http://onsemi.com
6
Read
Upon receiving a READ command and an address
(clocked into the DI pin), the DO pin of the CAT93C66,
CAT93W66 will come out of the high impedance state and,
after sending an initial dummy zero bit, will begin shifting
out the data addressed (MSB first). The output data bits will
toggle on the rising edge of the SK clock and are stable after
the specified time delay (tPD0 or tPD1).
For the CAT93C66, CAT93W66 after the initial data word
has been shifted out and CS remains asserted with the SK
clock continuing to toggle, the device will automatically
increment to the next address and shift out the next data word
in a sequential READ mode. As long as CS is continuously
asserted and SK continues to toggle, the device will keep
incrementing to the next address automatically until it
reaches to the end of the address space, then loops back to
address 0. In the sequential READ mode, only the initial data
word is preceeded by a dummy zero bit. All subsequent data
words will follow without a dummy zero bit. The READ
instruction timing is illustrated in Figure 3.
Erase/Write Enable and Disable
The device powers up in the write disable state. Any
writing after power−up or after an EWDS (erase/write
disable) instruction must first be preceded by the EWEN
(erase/write enable) instruction. Once the write instruction
is enabled, it will remain enabled until power to the device
is removed, or the EWDS instruction is sent. The EWDS
instruction can be used to disable all CAT93C66,
CAT93W66 write and erase instructions, and will prevent
any accidental writing or clearing of the device. Data can be
read normally from the device regardless of the write
enable/disable status. The EWEN and EWDS instructions
timing is shown in Figure 4.
Figure 2. Synchronous Data Timing
SK
DI
CS
DO
VALID
VALID
DATA VALID
tCSS
tDIS
tSKHI
tSKLOW
tDIS
tDIH
tCSH
tCSMIN
tPD0, tPD1
Figure 3. READ Instruction Timing
SK
CS
DI
DO
HIGH−Z
11
0
Dummy 0
Don’t Care
AN AN−1
tPD0
A0
Address + n
D15 . . .
or
D7 . . .
Address + 2
D15 . . . D0
or
D7 . . . D0
Address + 1
D15 . . . D0
or
D7 . . . D0
D15 . . . D0
or
D7 . . . D0


Similar Part No. - CAT93C66

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C66 CATALYST-CAT93C66 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66 ONSEMI-CAT93C66 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOSEEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
More results

Similar Description - CAT93C66

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
CAT93C6612KI-28TE13 ONSEMI-CAT93C6612KI-28TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
N93C66 ONSEMI-N93C66 Datasheet
82Kb / 9P
   4 Kb Microwire Serial CMOS EEPROM
October, 2017 ??Rev. 0
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com