Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1447AH10 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1447AH10
Description  Type 12 Mild Steel Wallmount Disconnect Enclosure 1447 Series Continuous Hinge Door Flange w Allen Bradley 1494 D Series cutout only
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1447AH10 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1447AH10 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1447AH10 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1447AH10 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type 12 Mild Steel Wallmount Disconnect Enclosure 1447A Series
Continuous Hinge Door (Flange w/ Allen Bradley 1494 & D Series cutout only)
Note: This product line has been discontinued as a stocked series. Information is for reference only. For
alternative solution assistance, please contact Hammond Customer Service - sales@hammfg.com or USA
(716) 630-7030, Canada and International (519) 822-2960.
Application
Designed to house Allen Bradley 1494F flange mounted disconnect
switches and 1494D flange mounted circuit breaker operators (will not
accept Allen Bradley 1494V disconnect switches).
Provides a degree of protection from falling dirt, dust, oil and water.
Standards
UL 508 Type 12, 13
CSA Type 12, 13
Complies with
NEMA Type 12, 13
JIC EGP-1-1967
IEC 60529, IP54
Appropriate components are required to maintain these standards.
Construction
Formed 14-gauge steel.
Continuously welded seams.
Larger sizes include door and body stiffeners.
Welded brackets provide for enclosure mounting.
Formed lip on door and enclosure exclude flowing liquids and
contaminants.
Cutouts and holes are provided to suit the handle, operating
mechanism and door closing mechanism.
Continuously hinged doors may be removed by pulling the hinge pin.
Guide and cover interlock brackets are welded to the door.
Cover latch bars for door hardware are provided.
A spacer kit to support the disconnect on the panel is included.
Collar studs are provided for mounting inner panels.
A removable 12 gauge inner panel is included.
Oil resistant gaskets are permanently secured and mechanically
retained.
A bonding stud is provided on the door and a grounding stud is
provided in the enclosure.
A literature pocket is provided.
Finish
Disconnects, operating mechanisms, and door hardware are not
Quality Products. Service Excellence.


Similar Part No. - 1447AH10

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1447 3M-1447 Datasheet
601Kb / 1P
   Stay sharp with Scotch Scissors
logo
API Technologies Corp
1447 APITECH-1447 Datasheet
414Kb / 1P
   Low Intermodulation Design
logo
List of Unclassifed Man...
1447-1 ETC2-1447-1 Datasheet
485Kb / 1P
   MICRO PINS
1447-2 ETC2-1447-2 Datasheet
485Kb / 1P
   MICRO PINS
1447-3 ETC2-1447-3 Datasheet
485Kb / 1P
   MICRO PINS
More results

Similar Description - 1447AH10

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1420B7 HAMMOND-1420B7 Datasheet
147Kb / 3P
   Type 1 Mild Steel Wallmount Enclosure 1420 Series Hinge Door With Quarter Turn and W Mounting Flange
1414A HAMMOND-1414A Datasheet
167Kb / 1P
   Type 12 Mild Steel Junction Box 1414 Series
HWSSHK HAMMOND-HWSSHK Datasheet
766Kb / 4P
   Stainless Steel Wallmount Enclosure
HWST363016SS HAMMOND-HWST363016SS Datasheet
158Kb / 2P
   IP69K/Type 4X Stainless Steel Wallmount Enclosure
1/9/22
EJ-SERIES HAMMOND-EJ-SERIES Datasheet
246Kb / 2P
   Continuous Hinge Door with Quarter Turn
EJSS HAMMOND-EJSS_V01 Datasheet
219Kb / 2P
   Continuous Hinge Door with Quarter Turn
1418N4SSB6 HAMMOND-1418N4SSB6 Datasheet
221Kb / 3P
   Type 4X Stainless Steel Wallmount Enclosure 1418 N4
logo
List of Unclassifed Man...
A10086CHNF ETC2-A10086CHNF Datasheet
603Kb / 2P
   Continuous Hinge with Clamps, Type 4
A24H2408SSLP ETC2-A24H2408SSLP Datasheet
380Kb / 4P
   Continuous Hinge with Clamps, Type 4X
E16PBG ETC2-E16PBG Datasheet
607Kb / 2P
   77SC66p33e..c4422-0220..22362510710 Mild Steel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com