Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82464-G4102-M Datasheet(PDF) 2 Page - EPCOS

Part # B82464-G4102-M
Description  SMT-Power-Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82464-G4102-M Datasheet(HTML) 2 Page - EPCOS

  B82464-G4102-M Datasheet HTML 1Page - EPCOS B82464-G4102-M Datasheet HTML 2Page - EPCOS B82464-G4102-M Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mit den Angaben im Datenblatt werden die Bauelemente
spezifiziert, nicht Eigenschaften zugesichert.
Liefermöglichkeiten und technische Änderungen vorbehalten.
2
General technical data
Rated inductance LR
Measured with HP 4294A, measuring voltage 100 mV
Rated current IR
Maximum permissible DC with temperature increase
of
40 K at ambient temperature of 85
°C
Saturation current
Maximum permissible DC with inductance decrease
∆L/L0 ≈ 10%
Self–resonance frequency fres
Typical self–resonance frequency
measured with network analyzer HP 8753
Climatic category
In accordance with IEC 60068–1 55/125/56
(–55
°C/ +125 °C/ 56 days damp heat test)
Solderability
5s, 235
°C, wetting > 90%
Resistance to soldering heat
acc. to IEC 60068–2–58,
leadfree reflow soldering profile
DC resistance Rmax
Measured at 20
°C ambient temperature
Weight
Approx. 2g
Dimensional drawing and layout recommendation
SMT–Power–Inductors
B82464–G4
DATA SHEET
Hugo ist doof BNR
B82464–G4–03–5976
07.10.2003


Similar Part No. - B82464-G4102-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B82464-G4 ETC-B82464-G4 Datasheet
202Kb / 3P
   SMT-Power-Inductors
More results

Similar Description - B82464-G4102-M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com