Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-0983 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-0983
Description  Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-0983 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-0983 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-0983 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-0983 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-0983 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-0983 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-0983 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-0983 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-0983 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Electrical/Optical Characteristics
TA=–55°Cto+100°C
Description
Symbol
Test Conditions
Min.
Typ.[7]
Max.
Unit
Supply
HDSP-078xSeries
ICC
VCC=5.5V
78
105
mA
Current
HDSP-079x/-088x/-098xSeries
Characters“5.”or
120
175
“B”displayed
Power
HDSP-078xSeries
PT
VCC=5.5V
390
573
mW
Dissipation
HDSP-079x/-088x/-098xSeries
Characters“5.”or
690
963
“B”displayed
Logic,EnableandBlankingLow-Level
VIL
VCC=4.5V
0.8
V
InputVoltage
Logic,EnableHigh-LevelInputVoltage
VIH
2.0
V
BlankingHigh-Voltage;DisplayBlanked
VBH
2.3
V
LogicandEnableLow-LevelInputCurrent
IIL
VCC=5.5V
–1.6
mA
BlankingLow-LevelInputCurrent
IBL
VIL=0.4V
–10
µA
Logic,EnableandBlankingHigh-Level
IIH
VCC=5.5V
+40
µA
InputCurrent
VIH=2.4V
Weight
1.0
gm
LeakRate
5x10-8
cc/sec
Notes:
4.Theluminousintensityataspecificoperatingambienttemperature,
Iv(TA),maybeapproximatedfromthefollowingexponentialequation:
Iv(TA)=Iv(25°C)e[k(TA-25°C)].
Device
K
HDSP-078Series
–0.0131/°C
HDSP-079xSeries
HDSP-088xSeries –0.0112/°C
HDSP-098xSeries –0.0104/°C
5.Thedominantwavelength,
ld,isderivedfromtheCIEchromaticitydia-
gramandrepresentsthesinglewavelengthwhichdefinesthecolorof
thedevice.
6.TheHDSP-088XandHDSP-098Xseriesdevicesarecategorizedasto
dominantwavelengthwiththecategorydesignatedbyanumberonthe
backofthedisplaypackage.
7.AlltypicalvaluesatVCC=5.0VandTA=25°C.
Operational Considerations
Electrical
These  devices  use  a  modified  4 x 7  dot  matrix  of  light 
emitting diodes to display decimal/hexadecimal numeric 
information. The high efficiency red and yellow displays 
use  GaAsP/GaP  LEDs  and  the  high  performance  green 
displays use GaP/GaP LEDs. The LEDs are driven by con-
stant  current  drivers,  BCD  information  is  accepted  by 
the display memory when the enable line is at logic low 
and the data is latched when the enable is at logic high. 
Using the enable pulse width and data setup and hold 
times listed in the Recommended Operating Conditions 
allows data to be clocked into an array of displays at a 
6.7 MHz rate.
The decimal point input is active low true and this data 
is latched into the display memory in the same fashion 
as the BCD data. The decimal point LED is driven by the 
on-board IC.
The blanking control input on the hexadecimal displays 
blanks (turns off) the displayed information without dis-
turbing the contents of display memory. The display is 
blanked at a minimum threshold level of 2.0 volts. When 
blanked, the display standby power is nominally 250 mW 
at TA = 25°C.
The ESD susceptibility of the IC devices is Class A of MIL-
STD-883  or  Class  2  of  DOD-STD-1686  and  DOD-HDBK-
263.


Similar Part No. - HDSP-0983

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-0983 HP-HDSP-0983 Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0983 AVAGO-HDSP-0983 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
More results

Similar Description - HDSP-0983

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com