Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDLU-2416 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLU-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLU-2416 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDLU-2416 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDLU-2416 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLU-2416 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLU-2416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLU-2416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLU-2416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLU-2416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLU-2416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLU-2416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HDLx-2416 Series
Four Character 5.0 mm (0.2 inch) Smart 5x7
Alphanumeric Displays
Data Sheet
Description
These are 5.0 mm (0.2 inch) four character 5 x 7 dot matrix
displaysdrivenbyanon-boardCMOSIC.Thesedisplaysare
pin for pin compatible with the HPDL-2416. The IC stores
and decodes 7 bit ASCII data and displays it using a 5 x 7
font. Multiplexing circuitry, and drivers are also part of the
IC.TheIChasfastsetupandholdtimeswhichmakesiteasy
to interface to a microprocessor.
Features
• Enhanced drop-in replacement to HPDL-2416
• Smart alphanumeric display
Built-in RAM, ASCII decoder, and LED drive circuitry
• CMOS IC for low power consumption
• Software controlled dimming levels and blank
• 128 ASCII character set
• End-stackable
• Categorized for luminous intensity; Yellow and Green
categorized for color
• Low power and sunlight viewable AlGaAs versions
• Wide operating temperature range
-40°C to +85°C
• Excellent ESD protection
• Wide viewing angle (50° typ.)
Devices:
AlGaAs Red
High Efficiency Red
Orange
Yellow
Green
HDLS-2416
HDLO-2416
HDLA-2416
HDLY-2416
HDLG-2416
HDLU-2416
HDLO-2416-DE000
HDLG-2416-FG000
Absolute Maximum Ratings
Supply Voltage, VDD to Ground[1]
-0.5 V to 7.0 V
Input Voltage, Any Pin to Ground
-0.5 V to VDD + 0.5 V
Free Air Operating Temperature Range, TA
-40°C to +85°C
Storage Temperature, TS
-40°C to 100°C
CMOS IC Junction Temperature, TJ (IC)
+150°C
Relative Humidity (non-condensing) at 65°C
85%
Soldering Temperature [1.59 mm (0.063 in.) Below Body]
Solder Dipping
260°C for 5 secs
Wave Soldering
250°C for 3 secs
ESD Protection, R = 1.5 kΩ, C = 100 pF
VZ = 2 kV (each pin)
Note:
1. Maximum Voltage is with no LEDs illuminated.
ESD WARNING: Standard CMOS handling precautions should be observed with the HDLX-2416.


Similar Part No. - HDLU-2416

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLU-2416 HP-HDLU-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLU-2416 BOARDCOM-HDLU-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
More results

Similar Description - HDLU-2416

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
   Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
   Four Character Smart Alphanumeric Displays
HDSP-2131 AVAGO-HDSP-2131 Datasheet
217Kb / 16P
   Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
HDSP-2131 AVAGO-HDSP-2131_07 Datasheet
217Kb / 16P
   Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
logo
Agilent(Hewlett-Packard...
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
   Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com