Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-0761 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-0761
Description  Hexadecimal and Numeric Displays for Industrial Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-0761 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-0761 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-0761 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-0761 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-0761 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-0761 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-0761 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-0761 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-0761 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Absolute Maximum Ratings
Description
Symbol
Min.
Max.
Unit
StorageTemperature,Ambient
TS
-65
+100
°C
OperatingTemperature,Ambient
TA
-55
+85
°C
ForwardCurrent,EachLED
IF
10
mA
ReverseVoltage,EachLED
VR
5
V
Recommended Operating Conditions VCC = 5.0 V
Forward Current Per
Resistor Value
Device LED, mA
R1
R2
R3
HDSP-0763
LowPower
2.8
1300
200
300
HighBrightness
8
360
47
68
HDSP-0863
8
360
36
56
HDSP-0963
8
360
30
43
Luminous Intensity per LED
(DigitAverage)[3,4]atTA=25°C
Device
Test Conditions
Min.
Typ.
Units
HDSP-0763
IF=2.8mA
65
140
µcd
IF=8mA
620
µcd
HDSP-0863
IF=8mA
215
490
µcd
HDSP-0963
IF=8mA
298
1100
µcd
Figure 3. Typical driving circuit.
PLUS
R1
#4
#7 VCC = 5.0 V
d.p.
R3
#1
R2
#2
R1
#3
MINUS PLUS
R3
#8
NUMERAL ONE


Similar Part No. - HDSP-0761

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-0761 HP-HDSP-0761 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0761 AVAGO-HDSP-0761 Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP-0761

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com