Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-0781 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-0781
Description  Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-0781 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-0781_08 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-0781_08 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-0781_08 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-0781_08 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-0781_08 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-0781_08 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-0781_08 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-0781_08 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Devices
Part Number
Front
HDSP-
Color
Description
View
0781
High-EfficiencyRed
Numeric,RightHandDP
A
0782
LowPower
Numeric,LeftHandDP
B
0783
OverRange±1
C
0784
Hexadecimal
D
0791
High-EfficiencyRed
Numeric,RightHandDP
A
0792
HighBrightness
Numeric,LeftHandDP
B
0794
Hexadecimal
D
0881
Yellow
Numeric,RightHandDP
A
0883
OverRange±1
C
0884
Hexadecimal
D
0981
High-Performance
Numeric,RightHandDP
A
0983
Green
OverRange±1
C
0984
Hexadecimal
D
Features
•  Three character options 
Numeric, hexadecimal, over range
•  Three colors; 
High Efficiency Red, Yellow, High Performance Green
•  4 x 7 dot matrix character
•  Two high efficiency red options 
Low power, high brightness
•  Performance guaranteed over temperature
•  High temperature stabilized
•  Memory latch/decoder/driver 
TTL compatible
•  Categorized for luminous intensity
Description
These  standard  solid  state  displays  have  a  7.4  mm 
(0.29 inch) dot matrix character and an on-board IC with 
data memory latch/decoder and LED drivers in a glass/
ceramic package.
The  hermetic  HDSP-078x,-079x/-088x  displays  utilize 
a solder glass frit seal. The HDSP-098X displays utilize an 
epoxy glass-to-ceramic seal.
The numeric devices decode positive BCD logic into char-
acters “0-9,” a “–” sign, decimal point, and a test pattern. 
The hexadecimal devices decode positive BCD logic into 
16 characters, “0-9, A-F.” An input is provided on the hexa-
decimal devices to blank the display (all LEDS off) without 
losing the contents of the memory.
The  over  range  device  displays  “±1”  and  right  hand 
decimal point and is typically driven via external switch-
ing transistors.
HDSP-078x, HDSP-079x, HDSP-088x, HDSP-098x
Glass/Ceramic Numeric and Hexadecimal Displays
for Industrial Applications
Data Sheet


Similar Part No. - HDSP-0781_08

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-0781 HP-HDSP-0781 Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
More results

Similar Description - HDSP-0781_08

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com